Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBT15011 Datasheet(PDF) 2 Page - STMicroelectronics

Part # THBT15011
Description  Tripolar overvoltage protection for telecom line
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBT15011 Datasheet(HTML) 2 Page - STMicroelectronics

  THBT15011 Datasheet HTML 1Page - STMicroelectronics THBT15011 Datasheet HTML 2Page - STMicroelectronics THBT15011 Datasheet HTML 3Page - STMicroelectronics THBT15011 Datasheet HTML 4Page - STMicroelectronics THBT15011 Datasheet HTML 5Page - STMicroelectronics THBT15011 Datasheet HTML 6Page - STMicroelectronics THBT15011 Datasheet HTML 7Page - STMicroelectronics THBT15011 Datasheet HTML 8Page - STMicroelectronics THBT15011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Characteristics
THBT15011, THBT20011, THBT27011
2/10
1
Characteristics
Figure 2.
Pulse waveform 10/1000 µs, tr = 10 µs, tp = 1000 µs
Figure 3.
Test circuit for IPP
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
IPP
Peak pulse current(1)
1.
For pulse waveform see Figure 2
10 / 1000 µs
30
A
ITSM
Non repetitive surge peak on-state current
(F = 50 Hz)
tp = 10 ms
t = 1 s
8
3.5
A
Tstg
Tj
Storage temperature range
Maximum junction temperature
- 40 to + 150
150
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
100
50
%I
PP
t
t
r
p
0
t
Longitudinal mode
THBT
See test
circuit 3
RP
TIP
RING
GND
IPP/2
RP
IPP/2
Transversal mode
TIP or
RING
GND
THBT
RP
IPP
See test
circuit 3



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com