Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBT15011 Datasheet(PDF) 3 Page - STMicroelectronics

Part # THBT15011
Description  Tripolar overvoltage protection for telecom line
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBT15011 Datasheet(HTML) 3 Page - STMicroelectronics

  THBT15011 Datasheet HTML 1Page - STMicroelectronics THBT15011 Datasheet HTML 2Page - STMicroelectronics THBT15011 Datasheet HTML 3Page - STMicroelectronics THBT15011 Datasheet HTML 4Page - STMicroelectronics THBT15011 Datasheet HTML 5Page - STMicroelectronics THBT15011 Datasheet HTML 6Page - STMicroelectronics THBT15011 Datasheet HTML 7Page - STMicroelectronics THBT15011 Datasheet HTML 8Page - STMicroelectronics THBT15011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
THBT15011, THBT20011, THBT27011
Characteristics
3/10
Table 2.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
170
°C/W
Table 3.
Electrical characteristics (Tamb = 25 °C)
Symbol
Parameter
VRM
Stand-off voltage
IRM
Leakage current at stand-off voltage
VR
Continuous reverse voltage
VBR
Breakdown voltage
VBO
Breakover voltage
IH
Holding current
IBO
Breakover current
VF
Forward voltage drop
IPP
Peak pulse current
C
Capacitance
V
I
I
H
IBO
V
RM VBR
BO
V
PP
I
R
I
Table 4.
Static parameters
Type
IRM @ VRM
IR @ VR
VBO @ IBO
IH
C
max.
max.
max.
min.
min.
max.
(1)
(2)
(3)
(4)
µA
V
µA
V
V
V
mA
mA
pF
THBT15011D
5
135
50
150
210
50
400
150
80
THBT20011D
5
180
50
200
290
50
400
150
80
THBT27011D
5
240
50
270
380
50
400
150
80
1.
IR measured at VR guarantee VBR min ≥ VR
2.
Measured at 50 Hz (1 cycle) - See test circuit 1 (Figure 4).
3.
See the reference test circuit 2 (Figure 5).
4.
VR = 1 V bias, VRMS = 1 V, F = 1 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com