Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THBT15011 Datasheet(PDF) 4 Page - STMicroelectronics

Part # THBT15011
Description  Tripolar overvoltage protection for telecom line
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

THBT15011 Datasheet(HTML) 4 Page - STMicroelectronics

  THBT15011 Datasheet HTML 1Page - STMicroelectronics THBT15011 Datasheet HTML 2Page - STMicroelectronics THBT15011 Datasheet HTML 3Page - STMicroelectronics THBT15011 Datasheet HTML 4Page - STMicroelectronics THBT15011 Datasheet HTML 5Page - STMicroelectronics THBT15011 Datasheet HTML 6Page - STMicroelectronics THBT15011 Datasheet HTML 7Page - STMicroelectronics THBT15011 Datasheet HTML 8Page - STMicroelectronics THBT15011 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
THBT15011, THBT20011, THBT27011
4/10
Figure 4.
Test circuit 1 for IBO and VBO parameters
Table 5.
Dynamic breakover voltages (transversal mode)
Type
Symbol
Test conditions(1)
Max
Unit
THBT15011D
VBO
10/700
μs
1.2/50
μs
2/10
μs
1.5kV
1.5kV
2.5kV
Rp=10
Ω
Rp=10
Ω
Rp=62
Ω
IPP=30A
IPP=30A
IPP=38A
190
190
200
V
THBT20011D
VBO
10/700
μs
1.2/50
μs
2/10
μs
1.5kV
1.5kV
2.5kV
Rp=10
Ω
Rp=10
Ω
Rp=62
Ω
IPP=30A
IPP=30A
IPP=38A
270
270
280
V
THBT27011D
VBO
10/700
μs
1.2/50
μs
2/10
μs
1.5kV
1.5kV
2.5kV
Rp=10
Ω
Rp=10
Ω
Rp=62
Ω
IPP=30A
IPP=30A
IPP=38A
360
360
400
V
1.
See test circuit 3 for VBO dynamic parameters; Rp is the protection resistor located on the line card.
220V 50Hz
1/4
R1 = 140
Ω
R2 = 240
Ω
K
ton = 20ms
IBO
measurement
VBO
measurement
Vout
DUT
TEST PROCEDURE
Pulse test duration (tp = 20ms):
V
selection:
●
●
●
●
for Bidirectional devices = Switch K is closed
for Unidirectional devices = Switch K is open
Device with V
< 200 V
V
= 250 V
, R1 = 140
OUT
BO
OUT
RMS
➔
Ω
Device with V
200 V
V
= 480 V
, R2 = 240
BO
OUT
RMS
➔
Ω
≥



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com