Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPN3021 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TPN3021
Description  Tripolar overvoltage protection for network interfaces
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPN3021 Datasheet(HTML) 2 Page - STMicroelectronics

  TPN3021 Datasheet HTML 1Page - STMicroelectronics TPN3021 Datasheet HTML 2Page - STMicroelectronics TPN3021 Datasheet HTML 3Page - STMicroelectronics TPN3021 Datasheet HTML 4Page - STMicroelectronics TPN3021 Datasheet HTML 5Page - STMicroelectronics TPN3021 Datasheet HTML 6Page - STMicroelectronics TPN3021 Datasheet HTML 7Page - STMicroelectronics TPN3021 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
TPN3021
2/8
Rev 4
1
Characteristics
Table 1.
Complies with the following standards
Standard
Peak surge
voltage (V)
Voltage
waveform
Required peak
current (A)
Current
waveform
Minimum serial
resistor to meet
standard (
Ω)
GR-1089 Core
First level
2500
1000
2/10 µs
10/1000 µs
500
100
2/10 µs
10/1000 µs
7.5
25
GR-1089 Core
Intrabuilding
1500
2/10 µs
100
2/10 µs
0
ITU-T-K20/K21
1000
10/700 µs
25
5/310 µs
0
ITU-T-K20
(IEC61000-4-2)
6000
8000
1/60 ns
ESD contact discharge
ESD air discharge
-
-
VDE0433
4000
2000
10/700 µs
100 50
5/310 µs
40
0
VDE0878
4000
2000
1.2/50 µs
100 50
1/20 µs
0
0
IEC61000-4-5
2000
2000
10/700 µs
1.2/50 µs
50 50
5/310 µs
8/20 µs
0
0
Table 2.
Electrical characteristics (Tamb=25°C)
Symbol
Parameter
VRM
Stand-off voltage
VBO
Breakover voltage
VBR
Breakdown voltage
IH
Holding current
IBO
Breakover current
IRM
Leakage current at VRM
IPP
Peak pulse current
C
Capacitance
VR
Continous reverse voltage
IR
Leakage current at VR
V
I
V
R
BO
V
R
I
H
IBO
PP
I
I
V
BR
RM
I
V
RM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com