Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPN3021 Datasheet (PDF) - STMicroelectronics

TPN3021 Datasheet PDF - STMicroelectronics
Part # TPN3021
Download  TPN3021 Download
File Size   91.49 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tripolar overvoltage protection for network interfaces

TPN3021 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPN3021 Datasheet PDF - STMicroelectronics

Part # TPN3021
Download  TPN3021 Click to download

File Size   91.49 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Tripolar overvoltage protection for network interfaces

TPN3021 Datasheet (HTML) - STMicroelectronics


TPN3021 Product details

Description
The TPN3021 is a low capacitance transient surge arrestor designed for protection of high debit rate communication network. Its low capacitance avoids distorsion of the signal as it has been designed for T1/E1 and Ethernet networks.

Features
■ Triple crowbar protection
■ Low capacitance
■ Low holding current: IH = 30 mA minimum
■ Surge current:
   – IPP = 200 A, 2/10 µs
   – IPP = 30 A, 10/1000 µs

Main applications
   Dedicated to data line protection, this device provides a tripolar protection function. It ensures the same protection capability with the same breakdown voltage in both common and differential modes.

Benefits
   Trisil technology is not subject to ageing and provides a fail safe mode in short circuit for a better protection. They are used to help equipment to meet main standards such as UL1950, IEC950 / CSA C22.2 and UL1459. They have UL94 V0 ap-proved resin. SO8 package is JEDEC registered.
   Trisils comply with the following standards GR-1089 Core, ITU-T-K20/K21, VDE0433, VDE0878, IEC61000-4-2.




Similar Part No. - TPN3021

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TPN3021 STMICROELECTRONICS-TPN3021 Datasheet
46Kb / 4P
TRIPOLAR OVERVOLTAGE PROTECTION FOR NETWORK INTERFACES
Feb-1998
TPN3021RL STMICROELECTRONICS-TPN3021RL Datasheet
46Kb / 4P
TRIPOLAR OVERVOLTAGE PROTECTION FOR NETWORK INTERFACES
Feb-1998
More results


Similar Description - TPN3021

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
THBTXXX11D STMICROELECTRONICS-THBTXXX11D Datasheet
345Kb / 9P
TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
Oct-2003
TPI8011N STMICROELECTRONICS-TPI8011N Datasheet
56Kb / 7P
TRIPOLAR PROTECTION FOR ISDN INTERFACES
07-Nov-2007
TPN3021 STMICROELECTRONICS-TPN3021 Datasheet
46Kb / 4P
TRIPOLAR OVERVOLTAGE PROTECTION FOR NETWORK INTERFACES
Feb-1998
logo
Microsemi Corporation
TCP072E MICROSEMI-TCP072E Datasheet
390Kb / 4P
TRIPOLAR PROTECTION FOR ISDN INTERFACES
TCP020E MICROSEMI-TCP020E Datasheet
259Kb / 5P
Tripolar Overvoltage Protection For Network Interfaces
logo
STMicroelectronics
TPI8011N STMICROELECTRONICS-TPI8011N_08 Datasheet
193Kb / 9P
Tripolar protection for ISDN interfaces
07-Nov-2007
logo
Socay Electornics Co., ...
LT3021 SOCAY-LT3021 Datasheet
161Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
logo
STMicroelectronics
TPI STMICROELECTRONICS-TPI Datasheet
195Kb / 9P
Tripolar protection for ISDN interfaces
07-Nov-2007
logo
Shanghai Leiditech Elec...
LT3010 LEIDITECH-LT3010 Datasheet
180Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
LT3021 LEIDITECH-LT3021 Datasheet
184Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com