Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPN3021 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TPN3021
Description  Tripolar overvoltage protection for network interfaces
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPN3021 Datasheet(HTML) 3 Page - STMicroelectronics

  TPN3021 Datasheet HTML 1Page - STMicroelectronics TPN3021 Datasheet HTML 2Page - STMicroelectronics TPN3021 Datasheet HTML 3Page - STMicroelectronics TPN3021 Datasheet HTML 4Page - STMicroelectronics TPN3021 Datasheet HTML 5Page - STMicroelectronics TPN3021 Datasheet HTML 6Page - STMicroelectronics TPN3021 Datasheet HTML 7Page - STMicroelectronics TPN3021 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TPN3021
Characteristics
Rev 4
3/8
Table 3.
Absolute ratings (Tamb =25°C)
Symbol
Parameter
Value
Unit
Ipp
Peak pulse pulse current: tr / tp
10/1000 µs
8/20 µs
10/560 µs
5/310 µs
10/160 µs
1/20 µs
2/10 µs
30
100
40
50
75
100
200
A
ITSM
Non repetitive surge peak on-state current One
cycle
50 Hz
60 Hz
8
9
A
Non repetitive surge peak on-state current F=50Hz
0.2 s
2 s
3
1.5
A
Tstg
Tj
Storage temperature range
Operating junction temperature range
-55 to +150
-40 to +150
°C
°C
TL
Maximum lead temperature for soldering during 10s
260
°C
Repetitive peak pulse current
tr: rise time (µs)
tp: pulse duration time (µs)
example: pulse waveform
10/1000 µs, tr = 10 µs, tp = 1000 µs
Table 4.
Thermal resistances
Symbol
Parameter
Value
Unit
Rth(j-a)
Junction to ambient
170
°C/W
Table 5.
Electrical parameters (Tamb = 25°C)
Type
IRM @VRM
max.
VBO max@IBO
(1)
max.
1.
See Figure 1: Test circuit 1 for IBO and VBO parameters
IH
(2)
min.
2.
See Figure 2: Test circuit 2 for IH parameter
C(3)
typ.
3.
VR = 0 V bias, VRMS = 1 V, F = 1 MHz
µA
V
V
mA
mA
pF
TPN3021
4
28
38
300
30
16
100
50
%I
PP
t
t
r
p
0
t



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com