Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPN3021 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TPN3021
Description  Tripolar overvoltage protection for network interfaces
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPN3021 Datasheet(HTML) 1 Page - STMicroelectronics

  TPN3021 Datasheet HTML 1Page - STMicroelectronics TPN3021 Datasheet HTML 2Page - STMicroelectronics TPN3021 Datasheet HTML 3Page - STMicroelectronics TPN3021 Datasheet HTML 4Page - STMicroelectronics TPN3021 Datasheet HTML 5Page - STMicroelectronics TPN3021 Datasheet HTML 6Page - STMicroelectronics TPN3021 Datasheet HTML 7Page - STMicroelectronics TPN3021 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
February 2006
Rev 4
1/8
8
TPN3021
Tripolar overvoltage protection for network interfaces
Features
■ Triple crowbar protection
■ Low capacitance
■ Low holding current: IH = 30 mA minimum
■ Surge current:
–IPP = 200 A, 2/10 µs
–IPP = 30 A, 10/1000 µs
Main applications
Dedicated to data line protection, this device
provides a tripolar protection function. It ensures
the same protection capability with the same
breakdown voltage in both common and
differential modes.
Description
The TPN3021 is a low capacitance transient
surge arrestor designed for protection of high
debit rate communication network. Its low
capacitance avoids distorsion of the signal as it
has been designed for T1/E1 and Ethernet
networks.
Benefits
Trisil technology is not subject to ageing and
provides a fail safe mode in short circuit for a
better protection. They are used to help
equipment to meet main standards such as
UL1950, IEC950 / CSA C22.2 and UL1459. They
have UL94 V0 ap-proved resin. SO8 package is
JEDEC registered.
Trisils comply with the following standards GR-
1089 Core, ITU-T-K20/K21, VDE0433, VDE0878,
IEC61000-4-2.
Schematic diagram
SO-8
1
2
3
4
5
6
8
NC
GND
NC
NC
NC
NC
7
Rx+ / Tx+
Rx- / Tx-
www.st.com


Similar Part No. - TPN3021

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TPN3021 STMICROELECTRONICS-TPN3021 Datasheet
46Kb / 4P
TRIPOLAR OVERVOLTAGE PROTECTION FOR NETWORK INTERFACES
Feb-1998
TPN3021RL STMICROELECTRONICS-TPN3021RL Datasheet
46Kb / 4P
TRIPOLAR OVERVOLTAGE PROTECTION FOR NETWORK INTERFACES
Feb-1998
More results

Similar Description - TPN3021

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
THBTXXX11D STMICROELECTRONICS-THBTXXX11D Datasheet
345Kb / 9P
TRIPOLAR OVERVOLTAGE PROTECTION FOR TELECOM LINE
Oct-2003
TPI8011N STMICROELECTRONICS-TPI8011N Datasheet
56Kb / 7P
TRIPOLAR PROTECTION FOR ISDN INTERFACES
07-Nov-2007
TPN3021 STMICROELECTRONICS-TPN3021 Datasheet
46Kb / 4P
TRIPOLAR OVERVOLTAGE PROTECTION FOR NETWORK INTERFACES
Feb-1998
logo
Microsemi Corporation
TCP072E MICROSEMI-TCP072E Datasheet
390Kb / 4P
TRIPOLAR PROTECTION FOR ISDN INTERFACES
TCP020E MICROSEMI-TCP020E Datasheet
259Kb / 5P
Tripolar Overvoltage Protection For Network Interfaces
logo
STMicroelectronics
TPI8011N STMICROELECTRONICS-TPI8011N_08 Datasheet
193Kb / 9P
Tripolar protection for ISDN interfaces
07-Nov-2007
logo
Socay Electornics Co., ...
LT3021 SOCAY-LT3021 Datasheet
161Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
logo
STMicroelectronics
TPI STMICROELECTRONICS-TPI Datasheet
195Kb / 9P
Tripolar protection for ISDN interfaces
07-Nov-2007
logo
Shanghai Leiditech Elec...
LT3010 LEIDITECH-LT3010 Datasheet
180Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
LT3021 LEIDITECH-LT3021 Datasheet
184Kb / 2P
Tripolar Overvoltage Protection for Network Interfaces
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com