Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPN3021 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TPN3021
Description  Tripolar overvoltage protection for network interfaces
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TPN3021 Datasheet(HTML) 5 Page - STMicroelectronics

  TPN3021 Datasheet HTML 1Page - STMicroelectronics TPN3021 Datasheet HTML 2Page - STMicroelectronics TPN3021 Datasheet HTML 3Page - STMicroelectronics TPN3021 Datasheet HTML 4Page - STMicroelectronics TPN3021 Datasheet HTML 5Page - STMicroelectronics TPN3021 Datasheet HTML 6Page - STMicroelectronics TPN3021 Datasheet HTML 7Page - STMicroelectronics TPN3021 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TPN3021
Ordering information scheme
Rev 4
5/8
2
Ordering information scheme
Figure 3.
Non repetitive surge peak on-state
current versus overload duration
(Tj initial = 25°C)
Figure 4.
Variation of junction capacitance
versus reverse voltage applied
(typical values)
1E-2
1E-1
1E+0
1E+1
1E+2
1E+3
0
2
4
6
8
10
12
t(s)
ITSM(A)
F=50Hz
0
5
10
15
20
25
30
0
2
4
6
8
10
12
14
16
18
20
22
VR(V)
C(pF)
Tj=25°C
F=1MHz
VRMS=1V
Figure 5.
Relative variation of holding current
versus junction temperature
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Tj(°C)
IH[Tj] / IH[Tj=25°C]
TPN
30
2
1
RL
Tripolar Protection
for Network
Numerical code
Version
Package:
1 = SO-8 Plastic
Packaging:
RL = Tape & reel
= Tube



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com