Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2PAK Datasheet(PDF) 10 Page - STMicroelectronics

Part # P2PAK
Description  3 A, very low drop voltage regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P2PAK Datasheet(HTML) 10 Page - STMicroelectronics

Back Button P2PAK Datasheet HTML 6Page - STMicroelectronics P2PAK Datasheet HTML 7Page - STMicroelectronics P2PAK Datasheet HTML 8Page - STMicroelectronics P2PAK Datasheet HTML 9Page - STMicroelectronics P2PAK Datasheet HTML 10Page - STMicroelectronics P2PAK Datasheet HTML 11Page - STMicroelectronics P2PAK Datasheet HTML 12Page - STMicroelectronics P2PAK Datasheet HTML 13Page - STMicroelectronics P2PAK Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Electrical characteristics
LD29300xx
10/26
Table 7.
Electrical characteristics of LD29300#33
(IO = 10 mA, TJ = 25 °C, VI = 5.3 V, VINH = 2 V
(1), C
I = 330 nF, CO = 10 µF, unless otherwise
specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
IO = 10mA to 3A, VI = 4.3 to 8.8V
TJ = -40 to 125°C
3.267
3.3
3.333
V
3.234
3.366
ΔVO
Load regulation
IO = 10mA to 3A
0.2
1.0
%
ΔVO
Line regulation
VI = 4.3 to 13V
0.06
0.5
%
SVR
Supply voltage rejection
f = 120 Hz, VI = 5.3 ±1V, IO = 1.5A
(2)
52
67
dB
VDROP Dropout voltage
IO = 500mA, TJ = -40 to 125°C
(3)
0.1
V
IO = 1.5A, TJ = -40 to 125°C
(3)
0.2
IO = 3A, TJ = -40 to 125°C
(3)
0.4
0.7
Iq
Quiescent current
IO = 1.5A, TJ = -40 to 125°C
20
50
mA
IO = 3A, TJ = -40 to 125°C
45
100
VI = 13V, VINH = GND, TJ = -40 to 125°C
130
180
µA
Isc
Short circuit current
VI - VO = 5.5V
4.5
A
VIL
Control input logic low
OFF MODE (1), TJ = -40 to 125°C
0.8
V
VIH
Control input logic high
ON MODE (1), TJ = -40 to 125°C
2
V
IINH
Control input current
TJ = -40 to 125°C, VINH = 13V
5
10
µA
eN
Output noise voltage
BP = 10Hz to 100kHz, IO = 100mA
132
µVRMS
1.
Only for version with Inhibit function.
2.
Guaranteed by design.
3.
Dropout voltage is defined as the input-to-output differential when the output voltage drops to 99 % of its nominal value with
VO + 1 V applied to VI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com