Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2PAK Datasheet(PDF) 1 Page - STMicroelectronics

Part # P2PAK
Description  3 A, very low drop voltage regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P2PAK Datasheet(HTML) 1 Page - STMicroelectronics

  P2PAK Datasheet HTML 1Page - STMicroelectronics P2PAK Datasheet HTML 2Page - STMicroelectronics P2PAK Datasheet HTML 3Page - STMicroelectronics P2PAK Datasheet HTML 4Page - STMicroelectronics P2PAK Datasheet HTML 5Page - STMicroelectronics P2PAK Datasheet HTML 6Page - STMicroelectronics P2PAK Datasheet HTML 7Page - STMicroelectronics P2PAK Datasheet HTML 8Page - STMicroelectronics P2PAK Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
July 2008
Rev 12
1/26
26
LD29300xx
3 A, very low drop voltage regulators
Features
■ Very low dropout voltage (Typ. 0.4 at 3 A)
■ Guaranteed output current up to 3 A
■ Fixed voltage with ± 1 % tolerance at 25 °C
■ Internal current and thermal limit
■ Logic controlled electronic shutdown available
in PPAK
Description
The LD29300xx is a high current, high accuracy,
low-dropout voltage regulator series. These
regulators feature 400 mV dropout voltage and
very low ground current. Designed for high
current loads, these devices are also used in
lower current, extremely low dropout-critical
systems, where their tiny dropout voltage and
ground current values are important attributes.
Typical applications are in power supply switching
post regulation, Series power supply for monitors,
Series power supply for VCRs and TVs,
Computer systems and Battery powered systems.
D2PAK/A
TO-220
D2PAK
P2PAK/A
P2PAK
Table 1.
Device summary
Part numbers
Output voltages
LD29300XX15
1.5 V
LD29300XX18
1.8 V
LD29300XX25
2.5 V
LD29300XX33
3.3 V
LD29300XX50
5.0 V
LD29300XX80
8.0 V
LD29300XX
ADJ
www.st.com


Similar Part No. - P2PAK

ManufacturerPart #DatasheetDescription
logo
nVent Electric plc
P2P1012 NVENT-P2P1012 Datasheet
1Mb / 12P
Full Subpanel (Rear or Si de)
P2P1012G NVENT-P2P1012G Datasheet
1Mb / 12P
Full Subpanel (Rear or Si de)
P2P106 NVENT-P2P106 Datasheet
1Mb / 12P
Full Subpanel (Rear or Si de)
P2P106G NVENT-P2P106G Datasheet
1Mb / 12P
Full Subpanel (Rear or Si de)
P2P108 NVENT-P2P108 Datasheet
1Mb / 12P
Full Subpanel (Rear or Si de)
More results

Similar Description - P2PAK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4705 STMICROELECTRONICS-L4705 Datasheet
113Kb / 3P
VERY LOW DROP VOLTAGE REGULATORS
L4940 STMICROELECTRONICS-L4940 Datasheet
129Kb / 13P
VERY LOW DROP 1.5 A REGULATORS
Nov-1999
LD29300 STMICROELECTRONICS-LD29300 Datasheet
530Kb / 17P
3A, VERY LOW DROP VOLTAGE REGULATORS
Jun-2003
LD29150 STMICROELECTRONICS-LD29150 Datasheet
446Kb / 17P
1.5A, VERY LOW DROP VOLTAGE REGULATORS
08-Nov-2004
logo
Sames
LD29300 SAMES-LD29300_07 Datasheet
508Kb / 26P
3A, Very low drop voltage regulators
logo
STMicroelectronics
LD29150XX STMICROELECTRONICS-LD29150XX Datasheet
440Kb / 21P
1.5 A, very low drop voltage regulators
15-Feb-2008
LD2979XX STMICROELECTRONICS-LD2979XX Datasheet
298Kb / 15P
Very low drop voltage regulators with inhibit
09-Apr-2008
LD29150XX STMICROELECTRONICS-LD29150XX_10 Datasheet
517Kb / 22P
1.5 A, very low drop voltage regulators
27-Oct-2010
LD29150PTR STMICROELECTRONICS-LD29150PTR Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
LD29150DT18R STMICROELECTRONICS-LD29150DT18R Datasheet
551Kb / 22P
1.5 A, very low drop voltage regulators
06-Sep-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com