Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2PAK Datasheet(PDF) 15 Page - STMicroelectronics

Part # P2PAK
Description  3 A, very low drop voltage regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P2PAK Datasheet(HTML) 15 Page - STMicroelectronics

Back Button P2PAK Datasheet HTML 11Page - STMicroelectronics P2PAK Datasheet HTML 12Page - STMicroelectronics P2PAK Datasheet HTML 13Page - STMicroelectronics P2PAK Datasheet HTML 14Page - STMicroelectronics P2PAK Datasheet HTML 15Page - STMicroelectronics P2PAK Datasheet HTML 16Page - STMicroelectronics P2PAK Datasheet HTML 17Page - STMicroelectronics P2PAK Datasheet HTML 18Page - STMicroelectronics P2PAK Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
LD29300xx
Typical characteristics
15/26
Figure 11.
Quiescent current vs temperature
Figure 12.
Quiescent current vs temperature
Figure 13.
Short circuit current vs temperature Figure 14.
Supply voltage rejection vs
temperature
Figure 15.
Stability vs CO
Figure 16.
Line transient
VI=3.5 to 5.5V, ILOAD=10mA, VO=2.5V, CO=10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com