Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2PAK Datasheet(PDF) 13 Page - STMicroelectronics

Part # P2PAK
Description  3 A, very low drop voltage regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P2PAK Datasheet(HTML) 13 Page - STMicroelectronics

Back Button P2PAK Datasheet HTML 9Page - STMicroelectronics P2PAK Datasheet HTML 10Page - STMicroelectronics P2PAK Datasheet HTML 11Page - STMicroelectronics P2PAK Datasheet HTML 12Page - STMicroelectronics P2PAK Datasheet HTML 13Page - STMicroelectronics P2PAK Datasheet HTML 14Page - STMicroelectronics P2PAK Datasheet HTML 15Page - STMicroelectronics P2PAK Datasheet HTML 16Page - STMicroelectronics P2PAK Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LD29300xx
Electrical characteristics
13/26
Table 10.
Electrical characteristics of LD29300#ADJ
(IO = 10 mA, TJ = 25 °C, VI = 3.23 V, VINH = 2 V
(1), C
I = 330 nF, CO = 10 µF adjust pin tied to
output pin)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI
Minimum operating input
voltage
IO = 10mA to 3A, TJ = -40 to 125°C
2.5
V
ΔVO
Load regulation
IO = 10mA to 3A
0.2
1.0
%
ΔVO
Line regulation
VI = 2.5 V to 13V
0.06
0.5
%
VREF
Reference voltage
IO = 10mA to 3A, VI = 2.5 to 4.5V
TJ = -40 to 125°C
(2)
-1%
1.23
+1%
V
-2%
+2%
SVR
Supply voltage rejection
f = 120 Hz, VI = 3.23 ±1V, IO = 1.5A
(3)
65
75
dB
Iq
Quiescent current
IO = 1.5A, TJ = -40 to 125°C
20
50
mA
IO = 3A, TJ = -40 to 125°C
45
100
VI = 13V, VINH = GND, TJ = -40 to 125°C
130
180
µA
IADJ
Adjust pin current
TJ = -40 to 125°C
(3)
1µA
Isc
Short circuit current
VI - VO = 5.5V
4.5
A
VIL
Control input logic low
OFF MODE (1),TJ = -40 to 125°C
0.8
V
VIH
Control input logic high
ON MODE (1), TJ = -40 to 125°C
2
V
IINH
Control input current
TJ = -40 to 125°C, VINH = 13V
5
10
µA
eN
Output noise voltage
BP = 10Hz to 100kHz, IO = 100mA
50
µVRMS
1.
Only for version with Inhibit function.
2.
Reference voltage is measured between output and GND pin, with ADJ PIN tied to VOUT.
3.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com