Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2PAK Datasheet(PDF) 21 Page - STMicroelectronics

Part # P2PAK
Description  3 A, very low drop voltage regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P2PAK Datasheet(HTML) 21 Page - STMicroelectronics

Back Button P2PAK Datasheet HTML 17Page - STMicroelectronics P2PAK Datasheet HTML 18Page - STMicroelectronics P2PAK Datasheet HTML 19Page - STMicroelectronics P2PAK Datasheet HTML 20Page - STMicroelectronics P2PAK Datasheet HTML 21Page - STMicroelectronics P2PAK Datasheet HTML 22Page - STMicroelectronics P2PAK Datasheet HTML 23Page - STMicroelectronics P2PAK Datasheet HTML 24Page - STMicroelectronics P2PAK Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LD29300xx
Package mechanical data
21/26
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A4.304.80
0.169
0.188
A1
2.40
2.80
0.094
0.110
A2
0.03
0.23
0.001
0.009
b
0.80
1.05
0.031
0.041
c
0.45
0.60
0.017
0.023
c2
1.17
1.37
0.046
0.053
D
8.95
9.350.352
0.368
D2
8
0.315
E
10.00
10.40
0.393
0.409
E1
8.5
0.334
0.409
e
3.20
3.60
0.126
0.142
e1
6.60
7.00
0.260
0.275
L13.70
14.50
0.539
0.571
L2
1.25
1.40
0.049
0.055
L3
0.90
1.70
0.035
0.067
L5
1.55
2.40
0.061
0.094
R
0.40
0.016
V2
0°
8°0°
8°
P2PAK mechanical data
7226255/B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com