Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4972A Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4972A
Description  2A SWITCHING REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4972A Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4972A Datasheet HTML 3Page - STMicroelectronics L4972A Datasheet HTML 4Page - STMicroelectronics L4972A Datasheet HTML 5Page - STMicroelectronics L4972A Datasheet HTML 6Page - STMicroelectronics L4972A Datasheet HTML 7Page - STMicroelectronics L4972A Datasheet HTML 8Page - STMicroelectronics L4972A Datasheet HTML 9Page - STMicroelectronics L4972A Datasheet HTML 10Page - STMicroelectronics L4972A Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/22
L4972A
I20L
Out Leak Current
Vi = 55V; S3 = A; V8= 0
2
mA
12
SOFT START (pin 8)
I8
Soft Start Source Current
V8 = 3V; V9= 0V
80
115
150
µA
13
V8
Output Saturation Voltage
I8 = 20mA; V11= 10V
I8= 200µA; V11= 10V
1
0.7
V
V
13
13
ERROR AMPLIFIER
V7H
High Level Out Voltage
I7 = 100µA; S1 = C; V9 = 4.7V
6
V
14
V7L
Low Level Out Voltage
I7 = 100µA; S1 = C; V9= 5.3V
1.2
V
14
I7H
Source Output Current
V7 = 1V; V7 = 4.7V
100
150
µA
14
-I7L
Sink Output Current
V7 = 6V; V9 = 5.3V
100
150
µA
14
I9
Input Bias Current
S1 = B; RS = 10KΩ
0.4
3
µA
14
GV
DC Open Loop Gain
S1 = A; RS= 10Ω
60
dB
14
SVR
Supply Voltage Rejection
15 < Vi < 50V
60
80
dB
14
VOS
Input Offset Voltage
RS= 50Ω S1 = A
2
10
mV
14
RAMP GENERATOR (pin 18)
V18
Ramp Valley
S1 = B; S2 = B
1.2
1.5
V
12
V18
Ramp Peak
S1 = B; S2 = B
Vi = 15V
Vi = 45V
2.5
5.5
V
V
12
12
I18
Min. Ramp Current
S1 = A; I17= 100µA
270
300
µA
12
I18
Max. Ramp Current
S1 = A; I17= 1mA
2.4
2.7
mA
12
SYNC FUNCTION (pin 10)
V10
Low Input Voltage
Vi = 15V to 50V; V8 = 0;
S1 = B; S2 = B; S4 = B
–0.3
0.9
V
12
V10
High Input voltage
V8 = 0; S1 = B; S2 = B; S4 = B
2.5
5.5
V
12
I10L
Sync Input Current with Low
Input Voltage
V10= V18= 0.9V; S4 = B;
S1 = B; S2 = B
0.4
mA
12
I10H
Input Current with High
Input Voltage
V10= 2.5V
1.5
mA
12
V10
Output Amplitude
4
5
V
–
tW
Output Pulse Width
Vthr = 2.5V
0.3
0.5
0.8
µs
–
RESET AND POWER FAIL FUNCTIONS
V9R
Rising Thereshold Voltage (pin 9) Vi = 15 to 50V
V4 = 5.3V
Vref
-130
Vref
-100
Vref
-80
V
mV
15
V9F
Falling Thereshold Voltage (pin 9) Vi = 15 to 50V
V4 = 5.3V
4.77
Vref
-200
Vref
-160
V
mV
15
V2H
Delay High Threshold Volt.
Vi = 15 to 50V
V4 = 5.3V; V9 = V13
4.95
5.1
5.25
V
15
V2L
Delay Low Threshold Volt.
Vi = 15 to 50V;V4 = 4.7V; V9 = V13
1
1.1
1.2
V
15
I2SO
Delay Source Current
V4 = 5.3V; V2 = 3V
30
60
80
µA15
I2SI
Delay Source Sink Current
V4 = 4.7V; V2 = 3V
10
mA
15
V3S
Output Saturation Voltage
I3 = 15mA; S1 = B V4 = 4.7V
0.4
V
15
I3
Output Leak Current
V3 = 50V; S1 = A
100
µA15
Table 5. Electrical Characteristcs (continued)
Refer to the test circuit, TJ = 25°C, Vi = 35V, R4 = 30KΩ, C9 = 2.7nF, fSW = 100KHz typ, unless otherwise
specified.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Fig.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com