Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4972A Datasheet(PDF) 3 Page - STMicroelectronics

Part # L4972A
Description  2A SWITCHING REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4972A Datasheet(HTML) 3 Page - STMicroelectronics

  L4972A Datasheet HTML 1Page - STMicroelectronics L4972A Datasheet HTML 2Page - STMicroelectronics L4972A Datasheet HTML 3Page - STMicroelectronics L4972A Datasheet HTML 4Page - STMicroelectronics L4972A Datasheet HTML 5Page - STMicroelectronics L4972A Datasheet HTML 6Page - STMicroelectronics L4972A Datasheet HTML 7Page - STMicroelectronics L4972A Datasheet HTML 8Page - STMicroelectronics L4972A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3/22
L4972A
Table 3. Absolute Maximum Ratings
(*) SO-20
Table 4. Thermal Data
3
Circuit Operation
The L4972A is a 2A monolithic stepdown switching regulator working in continuous mode realized in the
new BCD Technology. This technology allows the integration of isolated vertical DMOS power transistors
plus mixed CMOS/Bipolar transistors.
The device can deliver 2A at an output voltage adjustable from 5.1V to 40V and contains diagnostic and
control functions that make it particularly suitable for microprocessor based systems.
3.1 BLOCK DIAGRAM
The block diagram shows the DMOS power transistors and the PWM control loop. Integrated functions
include a reference voltage trimmed to 5.1V ± 2%, soft start, undervoltage lockout, oscillator with feedfor-
ward control, pulse by pulse current limit, thermal shutdown and finally the reset and power fail circuit. The
reset and power fail circuit provides an output signal for a microprocessor indicating the status of the sys-
tem.
Device turn on is around 11V with a typical 1V hysterysis, this threshold porvides a correct voltage for the
driving stage of the DMOS gate and the hysterysis prevents instabilities.
An external bootstrap capacitor charge to 12V by an internal voltage reference is needed to provide cor-
rect gate drive to the power DMOS. The driving circuit is able to source and sink peak currents of around
0.5A to the gate of the DMOS transistor. A typical switching time of the current in the DMOS transistor is
50ns. Due to the fast commutation switching frequencies up to 200kHz are possible.
The PWM control loop consists of a sawtooth oscillator, error amplifier, comparator, latch and the output
Symbol
Parameter
Value
Unit
V11
Input Voltage
55
V
V11
Input Operating Voltage
50
V
V20
Output DC Voltage
Output Peak Voltage at t = 0.1
µs f = 200kHz
-1
-5
V
V
I20
Maximum Output Current
Internally Limited
VI
Boostrap Voltage
Boostrap Operating Voltage
65
V11 + 15
V
V
V4, V8
Input Voltage at Pins 4, 12
12
V
V3
Reset Output Voltage
50
V
I3
Reset Output Sink Current
50
mA
V2, V7, V9,
V10
Input Voltage at Pin 2, 7, 9, 10
7
V
I2
Reset Delay Sink Current
30
mA
I7
Error Amplifier Output Sink Current
1
A
I8
Soft Start Sink Current
30
mA
Ptot
Total Power Dissipation at TPINS ≤ 90°C
at Tamb = 70°C (No copper area on PCB)
5 / 3.75(*)
1.3/1 (*)
W
W
TJ, Tstg
Junction and Storage Temperature
-40 to 150
°C
Symbol
Parameter
PowerDIP
SO20
Unit
Rth j-pins
Thermal Resistance Junction-Pins
max,
12
16
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
max,
60
80
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com