Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4972A Datasheet(PDF) 12 Page - STMicroelectronics

Part # L4972A
Description  2A SWITCHING REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4972A Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L4972A Datasheet HTML 8Page - STMicroelectronics L4972A Datasheet HTML 9Page - STMicroelectronics L4972A Datasheet HTML 10Page - STMicroelectronics L4972A Datasheet HTML 11Page - STMicroelectronics L4972A Datasheet HTML 12Page - STMicroelectronics L4972A Datasheet HTML 13Page - STMicroelectronics L4972A Datasheet HTML 14Page - STMicroelectronics L4972A Datasheet HTML 15Page - STMicroelectronics L4972A Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
L4972A
12/22
Figure 18. Quiescent Drain Current vs. Duty
Cycle.
Figure 19. Reference Voltage (pin 13) vs. Vi
(see fig. 11).
Figure 20. Reference Voltage (pin 13) vs.
Junction Temperature (see fig. 11).
Figure 21. Reference Voltage (pin 14) vs. Vi
(see fig. 11).
Figure 22. Reference Voltage (pin 14) vs.
Junction Temperature (see fig. 11).
Figure 23. : Ref. Voltage 5.1V (pin 13) Supply
Voltage Ripple Rejection vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com