Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4972A Datasheet(PDF) 18 Page - STMicroelectronics

Part # L4972A
Description  2A SWITCHING REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4972A Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L4972A Datasheet HTML 14Page - STMicroelectronics L4972A Datasheet HTML 15Page - STMicroelectronics L4972A Datasheet HTML 16Page - STMicroelectronics L4972A Datasheet HTML 17Page - STMicroelectronics L4972A Datasheet HTML 18Page - STMicroelectronics L4972A Datasheet HTML 19Page - STMicroelectronics L4972A Datasheet HTML 20Page - STMicroelectronics L4972A Datasheet HTML 21Page - STMicroelectronics L4972A Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
L4972A
18/22
Figure 50. 1A/24V Multiple Supply. Note the synchronization between the L4972A and L4962



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com