Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4972A Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4972A
Description  2A SWITCHING REGULATOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4972A Datasheet(HTML) 1 Page - STMicroelectronics

  L4972A Datasheet HTML 1Page - STMicroelectronics L4972A Datasheet HTML 2Page - STMicroelectronics L4972A Datasheet HTML 3Page - STMicroelectronics L4972A Datasheet HTML 4Page - STMicroelectronics L4972A Datasheet HTML 5Page - STMicroelectronics L4972A Datasheet HTML 6Page - STMicroelectronics L4972A Datasheet HTML 7Page - STMicroelectronics L4972A Datasheet HTML 8Page - STMicroelectronics L4972A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1/22
L4972A
May 2005
1
Features
■ 2A OUTPUT CURRENT
■ 5.1V TO 40V OUTPUT VOLTAGE RANGE
■ 0 TO 90% DUTY CYCLE RANGE
■ INTERNAL FEED-FORWARD LINE REG.
■ INTERNAL CURRENT LIMITING
■ PRECISE 5.1V ± 2% ON CHIP REFERENCE
■ RESET AND POWER FAIL FUNCTIONS
■ INPUT/OUTPUT SYNC PIN
■ UNDER VOLTAGE LOCK OUT WITH
HYSTERETIC TURN-ON
■ PWM LATCH FOR SINGLE PULSE PER
PERIOD
■ VERY HIGH EFFICIENCY
■ SWITCHING FREQUENCY UP TO 200KHz
■ THERMAL SHUTDOWN
■ CONTINUOUS MODE OPERATION
2
Description
The L4972A is a stepdown monolithic power
switching regulator delivering 2A at a voltage vari-
able from 5.1 to 40V.
Realized with BCD mixed technology, the device
uses a DMOS output transistor to obtain very high
efficiency and very fast switching times. Features
of the L4972 include reset and power fail for micro-
processors, feed forward line regulation, soft start,
limiting current and thermal protection. The device
is mounted in a Powerdip 16 + 2 + 2 and SO20
large plastic packages and requires few external
components. Efficient operation at switching fre-
quencies up to 200KHz allows reduction in the
size and cost of external filter component.
2A SWITCHING REGULATOR
Figure 2. Block Diagram
Rev. 3
Figure 1. Packages
Table 1. Order Codes
Part Number
Package
L4972A
DIP20 (16+2+20)
L4972AD
SO20
L4972AD013TR
SO20 in Tape & Reel
PowerDIP20 (16+2+2)
SO20


Similar Part No. - L4972A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4972A STMICROELECTRONICS-L4972A Datasheet
339Kb / 23P
2A SWITCHINGREGULATOR
Jun-2000
L4972AD STMICROELECTRONICS-L4972AD Datasheet
339Kb / 23P
2A SWITCHINGREGULATOR
Jun-2000
More results

Similar Description - L4972A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978 Datasheet
135Kb / 12P
2A STEP DOWN SWITCHING REGULATOR
May-2000
L5972D STMICROELECTRONICS-L5972D Datasheet
173Kb / 10P
2A SWITCH STEP DOWN SWITCHING REGULATOR
May-2003
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
2A switch step down switching regulator
15-Jan-2007
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
2A step-down switching regulator
16-Oct-2007
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
2A STEP DOWN SWITCHING REGULATOR
May-2005
logo
Semtech Corporation
SC4524D SEMTECH-SC4524D Datasheet
790Kb / 21P
18V 2A Step-Down Switching Regulator 2A Output Current
logo
Taiwan Semiconductor Co...
TS2496 TSC-TS2496_09 Datasheet
212Kb / 7P
2A / 150KHz Buck Switching Regulator
TS2580 TSC-TS2580 Datasheet
109Kb / 5P
2A / 52KHz Buck Switching Regulator
logo
Feeling Technology Corp...
FP6101 FEELING-FP6101 Datasheet
428Kb / 12P
20V, 2A Buck Switching Regulator
logo
Semtech Corporation
SC4524F SEMTECH-SC4524F Datasheet
998Kb / 23P
18V 2A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com