Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K Datasheet(PDF) 64 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 64 Page - STMicroelectronics

Back Button LRIS2K_08 Datasheet HTML 60Page - STMicroelectronics LRIS2K_08 Datasheet HTML 61Page - STMicroelectronics LRIS2K_08 Datasheet HTML 62Page - STMicroelectronics LRIS2K_08 Datasheet HTML 63Page - STMicroelectronics LRIS2K_08 Datasheet HTML 64Page - STMicroelectronics LRIS2K_08 Datasheet HTML 65Page - STMicroelectronics LRIS2K_08 Datasheet HTML 66Page - STMicroelectronics LRIS2K_08 Datasheet HTML 67Page - STMicroelectronics LRIS2K_08 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 102 page
background image
Reset to Ready
LRIS2K
64/102
29
Reset to Ready
On receiving a Reset to Ready command, the LRIS2K returns to the Ready state. In the
Addressed mode, the LRIS2K answers an error code only if the UID is equal to its own UID.
If not, no response is generated.
Request parameter:
UID (Optional)
Response parameter:
No parameter
Response parameter:
Error code as Error_flag is set:
0Fh: other error
Table 44.
Reset to Ready request format
Request
SOF
Request_
flags
Reset to
Ready
UID
CRC16
Request
EOF
8 bits
26h
64 bits
16 bits
Table 45.
Reset to Ready response format when Error_flag is NOT set
Response
SOF
Response_flags
CRC16
Response
EOF
8 bits
16 bits
Table 46.
Reset to Ready request format when Error_flag is set
Response
SOF
Response_
flags
Error code
CRC16
Response
EOF
8 bits
8 bits
16 bits
Figure 46.
Reset to Ready frame exchange between VCD and LRIS2K
VCD
SOF
Reset to
Ready
request
EOF
LRIS2K
<-t1-> SOF
Reset to
Ready
response
EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com