Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K Datasheet(PDF) 86 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 86 Page - STMicroelectronics

Back Button LRIS2K_08 Datasheet HTML 82Page - STMicroelectronics LRIS2K_08 Datasheet HTML 83Page - STMicroelectronics LRIS2K_08 Datasheet HTML 84Page - STMicroelectronics LRIS2K_08 Datasheet HTML 85Page - STMicroelectronics LRIS2K_08 Datasheet HTML 86Page - STMicroelectronics LRIS2K_08 Datasheet HTML 87Page - STMicroelectronics LRIS2K_08 Datasheet HTML 88Page - STMicroelectronics LRIS2K_08 Datasheet HTML 89Page - STMicroelectronics LRIS2K_08 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 102 page
background image
Fast Initiate
LRIS2K
86/102
42
Fast Initiate
On receiving the Fast Initiate command, the LRIS2K sets the internal Initiate_flag and sends
back a request. The command has to be issued in the Non Addressed mode only
(Select_flag is reset to 0 and Address_flag is reset to 0). If an error occurs, the LRIS2K does
not generate any answer. The Initiate_flag is reset after a power off of the LRIS2K. The data
rate of the response is multiplied by 2.
The request contains:
●
No data
The response contains:
●
the flags
●
the Unique ID
Table 85.
Fast Initiate request format
Request
SOF
Request_flags
Fast
Initiate
IC Mfg
Code
CRC16
Request
EOF
8 bits
C2h
02h
16 bits
Table 86.
Fast Initiate response format
Response
SOF
Response
_flags
DSFID
UID
CRC16
Response
EOF
8 bits
00h
64 bits
16 bits
Figure 58.
Fast Initiate frame exchange between VCD and LRIS2K
VCD
SOF
Fast Initiate request
EOF
LRIS2K
<-t1-> SOF Fast Initiate response EOF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com