Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K Datasheet(PDF) 85 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 85 Page - STMicroelectronics

Back Button LRIS2K_08 Datasheet HTML 81Page - STMicroelectronics LRIS2K_08 Datasheet HTML 82Page - STMicroelectronics LRIS2K_08 Datasheet HTML 83Page - STMicroelectronics LRIS2K_08 Datasheet HTML 84Page - STMicroelectronics LRIS2K_08 Datasheet HTML 85Page - STMicroelectronics LRIS2K_08 Datasheet HTML 86Page - STMicroelectronics LRIS2K_08 Datasheet HTML 87Page - STMicroelectronics LRIS2K_08 Datasheet HTML 88Page - STMicroelectronics LRIS2K_08 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
LRIS2K
Fast Inventory Initiated
85/102
41
Fast Inventory Initiated
Before receiving the Fast Inventory Initiated command, the LRIS2K must have received an
Initiate or a Fast Initiate command in order to set the Initiate_ flag. If not, the LRIS2K does
not answer to the Fast Inventory Initiated command.
On receiving the Fast Inventory Initiated request, the LRIS2K runs the anticollision
sequence. The Inventory_flag must be set to 1. The meaning of flags 5 to 8 is shown in
Table 20: Request_flags 5 to 8 when Bit 3 = 1. The data rate of the response is multiplied by
2.
The request contains the:
●
flags
●
Inventory command code
●
AFI if the AFI_flag is set
●
mask length
●
mask value
●
CRC
The LRIS2K does not generate any answer in case of error.
The response contains:
●
the flags
●
the Unique ID
During an Inventory process, if the VCD does not receive an RF LRIS2K response, it waits a
time t3 before sending an EOF to switch to the next slot. t3 starts from the rising edge of the
request EOF sent by the VCD.
●
If the VCD sends a 100% modulated EOF, the minimum value of t3 is:
t3min = 4384/fC (323.3µs) + tSOF
●
If the VCD sends a 10% modulated EOF, the minimum value of t3 is:
t3min = 4384/fC (323.3µs) + tNRT
where:
●
tSOF is the time required by the LRIS2K to transmit an SOF to the VCD
●
tNRT is the nominal response time of the LRIS2K
tNRT and tSOF are dependent on the LRIS2K-to-VCD data rate and subcarrier modulation
mode.
Table 83.
Fast Inventory Initiated request format
Request
SOF
Request
Flags
Fast
Inventory
Initiated
IC Mfg
code
Optional
AFI
Mask
length
Mask value
CRC16
Request
EOF
8 bits
C1h
02h
8 bits
8 bits
0 - 64 bits
16 bits
Table 84.
Fast Inventory Initiated response format
Response
SOF
Response
_flags
DSFID
UID
CRC16
Response
EOF
8 bits
00h
64 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com