Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K Datasheet(PDF) 41 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LRIS2K_08 Datasheet HTML 37Page - STMicroelectronics LRIS2K_08 Datasheet HTML 38Page - STMicroelectronics LRIS2K_08 Datasheet HTML 39Page - STMicroelectronics LRIS2K_08 Datasheet HTML 40Page - STMicroelectronics LRIS2K_08 Datasheet HTML 41Page - STMicroelectronics LRIS2K_08 Datasheet HTML 42Page - STMicroelectronics LRIS2K_08 Datasheet HTML 43Page - STMicroelectronics LRIS2K_08 Datasheet HTML 44Page - STMicroelectronics LRIS2K_08 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 102 page
background image
LRIS2K
LRIS2K states
41/102
Figure 38.
LRIS2K state transition diagram
1.
The intention of the state transition method is that only one LRIS2K should be in the selected state at a
time.
Table 16.
LRIS2K response depending on Request_flags
Flags
Address_flag
Select_flag
1
Addressed
0
Non addressed
1
Selected
0
Non selected
LRIS2K in Ready or Selected state
(Devices in Quiet state do not
answer)
XX
LRIS2K in Selected state
X
X
LRIS2K in Ready, Quiet or
Selected state (the device which
matches the UID)
XX
Error (03h)
X
X
AI06681
Power Off
In field
Out of field
Ready
Quiet
Selected
Any other Command
where Select_Flag
is not set
Stay quiet(UID)
Select (UID)
Any other command
Any other command where the
Address_Flag is set AND
where Inventory_Flag is not set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com