Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRIS2K Datasheet(PDF) 71 Page - STMicroelectronics

Part # LRIS2K
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K Datasheet(HTML) 71 Page - STMicroelectronics

Back Button LRIS2K_08 Datasheet HTML 67Page - STMicroelectronics LRIS2K_08 Datasheet HTML 68Page - STMicroelectronics LRIS2K_08 Datasheet HTML 69Page - STMicroelectronics LRIS2K_08 Datasheet HTML 70Page - STMicroelectronics LRIS2K_08 Datasheet HTML 71Page - STMicroelectronics LRIS2K_08 Datasheet HTML 72Page - STMicroelectronics LRIS2K_08 Datasheet HTML 73Page - STMicroelectronics LRIS2K_08 Datasheet HTML 74Page - STMicroelectronics LRIS2K_08 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
LRIS2K
Get System Info
71/102
34
Get System Info
When receiving the Get System Info command, the LRIS2K sends back its information data
in the request.The Option_flag is supported and must be reset to 0. The Get System Info
can be issued in both Addressed and Non Addressed modes.
Request parameter:
UID (optional)
Response parameters:
Information flags set to 0Fh. DSFID, AFI, memory size and IC reference fields are
present
UID code on 64 bits
DSFID value
AFI value
Memory size. The LRIS2K provides 64 blocks (3Fh) of 4 byte (03h)
IC Reference. Only the 6 MSB are significant. The product code of the LRIS2K is
00 1010b=10d
Response parameter:
Error code as Error_flag is set:
03h: Option not supported
0Fh: other error
Table 59.
Get System Info request format
Request
SOF
Request
_flags
Get System
Info
UID
CRC16
Request
EOF
8 bits
2Bh
64 bits
16 bits
Table 60.
Get System Info response format when Error_flag is NOT set
Response
SOF
Response
_flags
Information
_flags
UID
DSFID AFI
Memory
Size
IC
reference
CRC16
Response
EOF
00h
0Fh
64 bits
8 bits 8 bits
033Fh 001000xxb 16 bits
Table 61.
Get System Info response format when Error_flag is set
Response SOF
Response_
flags
Error code
CRC16
Response EOF
01h
0Fh
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com