Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990 Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4990
Description  1.2 W audio power amplifier with active low standby mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4990 Datasheet HTML 16Page - STMicroelectronics TS4990 Datasheet HTML 17Page - STMicroelectronics TS4990 Datasheet HTML 18Page - STMicroelectronics TS4990 Datasheet HTML 19Page - STMicroelectronics TS4990 Datasheet HTML 20Page - STMicroelectronics TS4990 Datasheet HTML 21Page - STMicroelectronics TS4990 Datasheet HTML 22Page - STMicroelectronics TS4990 Datasheet HTML 23Page - STMicroelectronics TS4990 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Application information
TS4990
20/32
Therefore, the power dissipated by each amplifier is:
Pdiss = Psupply - Pout (W)
and the maximum value is obtained when:
and its value is:
Note:
This maximum value is only dependent on power supply voltage and load values.
The efficiency is the ratio between the output power and the power supply:
The maximum theoretical value is reached when VPEAK = VCC, so:
4.5
Decoupling of the circuit
Two capacitors are needed to correctly bypass the TS4990: a power supply bypass
capacitor Cs and a bias voltage bypass capacitor Cb.
Cs has particular influence on the THD+N in the high frequency region (above 7 kHz) and
an indirect influence on power supply disturbances. With a value for Cs of 1 µF, you can
expect THD+N levels similar to those shown in the datasheet.
In the high frequency region, if Cs is lower than 1 µF, it increases THD+N and disturbances
on the power supply rail are less filtered.
On the other hand, if Cs is higher than 1 µF, those disturbances on the power supply rail are
more filtered.
Cb has an influence on THD+N at lower frequencies, but its function is critical to the final
result of PSRR (with input grounded and in the lower frequency region).
If Cb is lower than 1 µF, THD+N increases at lower frequencies and PSRR worsens.
If Cb is higher than 1 µF, the benefit on THD+N at lower frequencies is small, but the benefit
to PSRR is substantial.
Note that Cin has a non-negligible effect on PSRR at lower frequencies. The lower the value
of Cin, the higher the PSRR.
P
diss
22V
CC
π R
L
---------------------- P
out Pout
–
=
δP
diss
δP
out
------------------ = 0
P
diss
max
2V
CC
2
π
2
R
L
---------------
(W)
=
η=
P
out
P
supply
------------------- =
πV
PEAK
4V
CC
-----------------------
π
4
----- = 78.5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com