Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990 Datasheet(PDF) 28 Page - STMicroelectronics

Part # TS4990
Description  1.2 W audio power amplifier with active low standby mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TS4990 Datasheet HTML 24Page - STMicroelectronics TS4990 Datasheet HTML 25Page - STMicroelectronics TS4990 Datasheet HTML 26Page - STMicroelectronics TS4990 Datasheet HTML 27Page - STMicroelectronics TS4990 Datasheet HTML 28Page - STMicroelectronics TS4990 Datasheet HTML 29Page - STMicroelectronics TS4990 Datasheet HTML 30Page - STMicroelectronics TS4990 Datasheet HTML 31Page - STMicroelectronics TS4990 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
Package information
TS4990
28/32
5.3
DFN8 package information
Note:
DFN8 exposed pad (E2 x D2) is connected to pin number 7. For enhanced thermal
performance, the exposed pad must be soldered to a copper area on the PCB, acting as a
heatsink. This copper area can be electrically connected to pin7 or left floating.
Figure 72.
DFN8 3x3x0.90mm package mechanical drawing (pitch 0.5mm)
Table 9.
DFN8 3x3x0.90mm package mechanical data (pitch 0.5mm)
Ref.
Dimensions
Millimeters
Mils
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.80
0.90
1.00
31.5
35.4
39.4
A1
0.02
0.05
0.8
2.0
A2
0.55
0.65
0.80
217
25.6
31.5
A3
0.20
7.9
b
0.18
0.25
0.30
7.1
9.8
11.8
D
2.85
3.00
3.15
112.2
118.1
124
D2
2.20
2.70
86.6
106.3
E
2.85
3.00
3.15
112.2
118.1
124
E2
1.40
1.75
55.1
68.9
e
0.50
19.7
L
0.30
0.40
0.50
11.8
15.7
19.7
ddd
0.08
3.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com