Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990 Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4990
Description  1.2 W audio power amplifier with active low standby mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4990 Datasheet HTML 18Page - STMicroelectronics TS4990 Datasheet HTML 19Page - STMicroelectronics TS4990 Datasheet HTML 20Page - STMicroelectronics TS4990 Datasheet HTML 21Page - STMicroelectronics TS4990 Datasheet HTML 22Page - STMicroelectronics TS4990 Datasheet HTML 23Page - STMicroelectronics TS4990 Datasheet HTML 24Page - STMicroelectronics TS4990 Datasheet HTML 25Page - STMicroelectronics TS4990 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Application information
TS4990
22/32
4.8
Pop performance
Pop performance is intimately linked with the size of the input capacitor Cin and the bias
voltage bypass capacitor Cb.
The size of Cin is dependent on the lower cut-off frequency and PSRR values requested.
The size of Cb is dependent on THD+N and PSRR values requested at lower frequencies.
Moreover, Cb determines the speed with which the amplifier turns ON. In order to reach
near zero pop and click, the equivalent input constant time,
τ in = (Rin + 2kΩ)xCin (s) with Rin 5kΩ
must not reach the
τ in maximum value as indicated in Figure 63 below.
Figure 63.
τ in max. versus bypass capacitor
By following the previous rules, the TS4990 can reach near zero pop and click even with
high gains such as 20 dB.
Example:
With Rin =22kΩ and a 20 Hz, -3 dB low cut-off frequency, Cin =361 nF. So, Cin =390 nF
with standard value which gives a lower cut-off frequency equal to 18.5 Hz. In this case,
(Rin +2kΩ)xCin = 9.36ms. By referring to the previous graph, if Cb = 1 µF and VCC =5V,
we read 20 ms max. This value is twice as high as our current value, thus we can state that
pop and click will be reduced to its lowest value.
Minimizing both Cin and the gain benefits both the pop phenomenon, and the cost and size
of the application.
4.9
Application example: differential input, BTL power amplifier
The schematics in Figure 64 show how to configure the TS4990 to work in differential input
mode. The gain of the amplifier is:
In order to reach the best performance of the differential function, R1 and R2 should be
matched at 1% max.
12
34
0
40
80
120
160
Vcc=5V
Vcc=3.3V
Vcc=2.6V
Tamb=25
°C
Bypass Capacitor Cb ( F)
G
VDIFF
2
R
2
R
1
-------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com