Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4990
Description  1.2 W audio power amplifier with active low standby mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4990 Datasheet HTML 19Page - STMicroelectronics TS4990 Datasheet HTML 20Page - STMicroelectronics TS4990 Datasheet HTML 21Page - STMicroelectronics TS4990 Datasheet HTML 22Page - STMicroelectronics TS4990 Datasheet HTML 23Page - STMicroelectronics TS4990 Datasheet HTML 24Page - STMicroelectronics TS4990 Datasheet HTML 25Page - STMicroelectronics TS4990 Datasheet HTML 26Page - STMicroelectronics TS4990 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
TS4990
Application information
23/32
Figure 64.
Differential input amplifier configuration
The input capacitor Cin can be calculated by the following formula using the -3 dB lower
frequency required. (FL is the lower frequency required).
Note:
This formula is true only if:
is 5 times lower than FL.
Example bill of materials
The bill of materials in Table 7 is for the example of a differential amplifier with a gain of 2
and a -3 dB lower cut-off frequency of about 80 Hz.
R2
R1
Neg. Input
Vcc
Cin
Cs
Cb
Standby
Control
Speaker
8Ohms
Bias
AV = -1
Vin-
Vin+
Bypass
Standby
Vout 1
Vout 2
+
-
+
-
TS4990
R1
Pos. Input
Cin
R2
C
in
1
2
πR
1FL
---------------------
(F)
F
CB
1
2
π R
1
R
2
+
()C
B
----------------------------------------
(Hz)
=
Table 7.
Bill of materials for differential input amplifier application
Pin name
Functional description
R1
20k / 1%
R2
20k / 1%
Cin
100nF
Cb=Cs
1µF
U1
TS4990



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com