Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4990 Datasheet(PDF) 31 Page - STMicroelectronics

Part # TS4990
Description  1.2 W audio power amplifier with active low standby mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TS4990 Datasheet HTML 24Page - STMicroelectronics TS4990 Datasheet HTML 25Page - STMicroelectronics TS4990 Datasheet HTML 26Page - STMicroelectronics TS4990 Datasheet HTML 27Page - STMicroelectronics TS4990 Datasheet HTML 28Page - STMicroelectronics TS4990 Datasheet HTML 29Page - STMicroelectronics TS4990 Datasheet HTML 30Page - STMicroelectronics TS4990 Datasheet HTML 31Page - STMicroelectronics TS4990 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
TS4990
Revision history
31/32
7
Revision history
Table 12.
Document revision history
Date
Revision
Changes
1-Jul-2002
1
First release.
4-Sep-2003
2
Update mechanical data.
1-Oct-2004
3
Order code for back coating on flip-chip.
2-Apr-2005
4
Typography error on page 1: Mini-SO-8 pin connection.
May-2005
5
New marking for assembly code plant.
1-Jul-2005
6
Error on Table 4 on page 5. Parameters in wrong column.
28-Sep-2005
7
Updated mechanical coplanarity data to 50µm (instead of 60µm)
(see Figure 67 on page 25).
14-Mar-2006
8
SO-8 package inserted in the datasheet.
21-Jul-2006
9
Update of Figure 66 on page 24. Disclaimer update.
11-May-2007
10
Corrected value of PSRR in Table 5 on page 6 from 1 to 61 (typical
value).
Moved Table 3: Component descriptions to Section 2: Typical
application schematics on page 4.
Merged daisy chain flip-chip order code table into Table 11: Order
codes on page 30.
17-Jan-2008
11
Corrected pitch error in DFN8 package information. Actual pitch is
0.5mm. Updated DFN8 package dimensions to correspond to
JEDEC databook definition (in previous versions of datasheet,
package dimensions were as in manufacturer’s drawing).
Corrected error in MiniSO-8 package information (L and L1 values
were inverted).
Reformatted package information.
21-May-2008
12
Corrected value of output resistance vs. ground in standby mode:
removed from Table 2, and added in Table 4, Table 5, and Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com