Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6728
Description  Single phase PWM controller with Power Good
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6728 Datasheet HTML 3Page - STMicroelectronics L6728 Datasheet HTML 4Page - STMicroelectronics L6728 Datasheet HTML 5Page - STMicroelectronics L6728 Datasheet HTML 6Page - STMicroelectronics L6728 Datasheet HTML 7Page - STMicroelectronics L6728 Datasheet HTML 8Page - STMicroelectronics L6728 Datasheet HTML 9Page - STMicroelectronics L6728 Datasheet HTML 10Page - STMicroelectronics L6728 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
L6728
Electrical specifications
7/31
4
Electrical specifications
4.1
Absolute maximum ratings
Table 4.
Absolute maximum ratings
4.2
Electrical characteristics
Symbol
Parameter
Value
Unit
VCC
to GND
-0.3 to 15
V
VBOOT, VUGATE
to PHASE
to GND
to GND; t < 200 ns
15
33
45
V
VPHASE
to GND
to GND; t < 200 ns
-5 to 18
-8 to 30
V
VLGATE
to GND
-0.3 to VCC+0.3
V
FB, COMP, VSEN to GND
-0.3 to 3.6
V
PGOOD to GND
-0.3 to VCC+0.3
V
Table 5.
Electrical characteristics
(VCC = 5 V to 12 V; TJ = 0 to 70 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Supply current and power-ON
ICC
VCC supply current
UGATE and LGATE = OPEN
6
mA
IBOOT
BOOT supply current
UGATE = OPEN; PHASE to GND
0.7
mA
UVLO
VCC Turn-ON
VCC rising
4.1
V
Hysteresis
0.2
V
Oscillator
FSW
Main oscillator accuracy
270
300
330
kHz
∆V
OSC
PWM ramp amplitude
1.4
V
dMAX
Maximum duty cycle
80
%
Reference and error amplifier
Output voltage accuracy
-0.8
-
0.8
%
A0
DC gain (1)
120
dB
GBWP
Gain-bandwidth product (1)
15
MHz
SR
Slew-rate (1)
8V/
µs
DIS
Disable threshold
COMP falling
0.70
0.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com