Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6728
Description  Single phase PWM controller with Power Good
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6728 Datasheet HTML 4Page - STMicroelectronics L6728 Datasheet HTML 5Page - STMicroelectronics L6728 Datasheet HTML 6Page - STMicroelectronics L6728 Datasheet HTML 7Page - STMicroelectronics L6728 Datasheet HTML 8Page - STMicroelectronics L6728 Datasheet HTML 9Page - STMicroelectronics L6728 Datasheet HTML 10Page - STMicroelectronics L6728 Datasheet HTML 11Page - STMicroelectronics L6728 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Electrical specifications
L6728
8/31
Gate drivers
IUGATE
HS source current
BOOT - PHASE = 5 V
1.5
A
RUGATE
HS sink resistance
BOOT - PHASE = 5 V
1.1
Ω
ILGATE
LS source current
VCC = 5 V
1.5
A
RLGATE
LS sink resistance
VCC = 5 V
0.65
Ω
Over-current protection
IOCSET
OCSET current source
Sourced from LGATE pin, during OC
setting phase.
910
11
µA
VOC_SW
OC switch-over threshold
VLGATE/OC rising
600
mV
Over and under-voltage protections
OVP
OVP threshold
VSEN rising
0.90
1.00
1.10
V
un-latch, VSEN falling
0.35
0.40
0.45
V
UVP
UVP threshold
VSEN falling
0.50
0.60
0.70
V
VSEN
VSEN bias current
Sourced from VSEN
100
nA
PGOOD
PGOOD
Upper threshold
VSEN rising
0.860
0.890
0.920
V
Lower threshold
VSEN falling
0.680
0.710
0.740
V
VPGOODL
PGOOD voltage low
IPGOOD = -4 mA
0.4
V
1.
Guaranteed by design, not subject to test.
Table 5.
Electrical characteristics (continued)
(VCC = 5 V to 12 V; TJ = 0 to 70 °C unless otherwise specified)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com