Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6728
Description  Single phase PWM controller with Power Good
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6728 Datasheet HTML 7Page - STMicroelectronics L6728 Datasheet HTML 8Page - STMicroelectronics L6728 Datasheet HTML 9Page - STMicroelectronics L6728 Datasheet HTML 10Page - STMicroelectronics L6728 Datasheet HTML 11Page - STMicroelectronics L6728 Datasheet HTML 12Page - STMicroelectronics L6728 Datasheet HTML 13Page - STMicroelectronics L6728 Datasheet HTML 14Page - STMicroelectronics L6728 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
L6728
Soft-start
11/31
7
Soft-start
L6728 implements a soft-start to smoothly charge the output filter avoiding high in-rush
currents to be required from the input power supply. The device gradually increases the
internal reference from 0 V to 0.8 V in 4.5 ms (typ.), in closed loop regulation, linearly
charging the output capacitors to the final regulation voltage.
In the event of an over current triggering during soft start, the over current logic will override
the soft start sequence and will shut down the PWM logic and both the high side and low
side gates. This condition is latched, cycle VCC to recover.
The device begins soft start phase only when VCC power supply is above UVLO threshold
and over current threshold setting phase has been completed.
7.1
Low-side-less start up (LSLess)
In order to avoid any kind of negative undershoot and dangerous return from the load during
start-up, L6728 performs a special sequence in enabling LS driver to switch: during the soft-
start phase, the LS driver results disabled (LS = OFF) until the HS starts to switch. This
avoid the dangerous negative spike on the output voltage that can happen if starting over a
pre-biased output.
If the output voltage is pre-biased to a voltage higher than the final one, the HS would never
start to switch. In this case, at the end of soft start time, LS is enabled and discharge the
output to the final regulation value.
This particular feature of the device masks the LS turn-on only from the control loop point of
view: protections by-pass this turning ON the LS MOSFET in case of need.
Figure 4.
LSLess start up (left) vs non-LSLess start up (right)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com