Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6728
Description  Single phase PWM controller with Power Good
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6728 Datasheet HTML 5Page - STMicroelectronics L6728 Datasheet HTML 6Page - STMicroelectronics L6728 Datasheet HTML 7Page - STMicroelectronics L6728 Datasheet HTML 8Page - STMicroelectronics L6728 Datasheet HTML 9Page - STMicroelectronics L6728 Datasheet HTML 10Page - STMicroelectronics L6728 Datasheet HTML 11Page - STMicroelectronics L6728 Datasheet HTML 12Page - STMicroelectronics L6728 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
L6728
Device description
9/31
5
Device description
L6728 is a single-phase PWM controller with embedded high-current drivers that provides
complete control logic and protections to realize in an easy and simple way a general DC-
DC step-down converter. Designed to drive N-channel MOSFETs in a synchronous buck
topology, with its high level of integration this 10-pin device allows reducing cost and size of
the power supply solution also providing real-time PGOOD in a compact DFN10 3x3 mm.
L6728 is designed to operate from a 5 V or 12 V supply. The output voltage can be precisely
regulated to as low as 0.8 V with ±0.8 % accuracy over line and temperature variations. The
switching frequency is internally set to 300 kHz.
This device provides a simple control loop with a voltage-mode error-amplifier. The error-
amplifier features a 15 MHz gain-bandwidth product and 8V/µs slew rate, allowing high
regulator bandwidth for fast transient response.
To avoid load damages, L6728 provides over current protection as well as over voltage,
under voltage and feedback disconnection protection. The over current trip threshold is
programmable by a simple resistor connected from Lgate to GND. Output current is
monitored across low-side MOSFET RDS(on), saving the use of expensive and space-
consuming sense resistor. Output voltage is monitored through dedicated VSEN pin.
L6728 implements soft-start increasing the internal reference in closed loop regulation.
Low-side-less feature allows the device to perform soft-start over pre-biased output avoiding
high current return through the output inductor and dangerous negative spike at the load
side.
L6728 is available in a compact DFN10 3x3 mm package with exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com