Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6728 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6728
Description  Single phase PWM controller with Power Good
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6728 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6728 Datasheet HTML 23Page - STMicroelectronics L6728 Datasheet HTML 24Page - STMicroelectronics L6728 Datasheet HTML 25Page - STMicroelectronics L6728 Datasheet HTML 26Page - STMicroelectronics L6728 Datasheet HTML 27Page - STMicroelectronics L6728 Datasheet HTML 28Page - STMicroelectronics L6728 Datasheet HTML 29Page - STMicroelectronics L6728 Datasheet HTML 30Page - STMicroelectronics L6728 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
L6728
5 A demonstration board
27/31
Table 7.
5 A demonstration board - bill of material
13.1
Board description
13.1.1
Power input (Vin)
This is the input voltage for the power conversion. The high-side drain is connected to this
input. This voltage can range from 1.5 V to 12 V bus.
Qty
Reference
Description
Package
Capacitors
2
C12, C51
MLCC, 10
µF, 25 V, X5R
Murata GRM31CR61E106KA12
SMD1206
1
C10
MLCC, 100 nF, 16 V, X7R
SMD0603
2
C14, C38
MLCC, 1
µF, 16 V, X7R
SMD0805
1C39
MLCC, 22
µF, 6.3 V, X5R
Murata GRM31CR60J226ME19L
SMD1206
1C30
330
µF, 6.3 V, 9 mΩ
Sanyo 6TPF330M9L
SMD7343
2
C23, C36
MLCC, 6.8 nF, X7R
SMD0603
1
C24
MLCC, 68 nF, X7R
1
C35
MLCC, 220 pF, X7R
Resistors
3
R1, R2, R17
Resistor, 3R3, 1/16 W, 1 %
SMD0603
3
R3, R5, R16
Resistor, 0R, 1/16 W, 1 %
SMD0603
1
R4
Resistor, 1R8, 1/8 W, 1 %
SMD0805
1
R14
Resistor, 15R, 1/16 W, 1 %
SMD0603
2
R6, R9
Resistor, 2K2, 1/16 W, 1 %
SMD0603
2
R8, R13
Resistor, 3K9, 1/16 W, 1 %
1
R7
Resistor, 4K7, 1/16 W, 1 %
1
R19
Resistor, 22K, 1/16 W, 1 %
1
R18
Resistor, 10K, 1/16 W, 1 %
Inductor
1L1
Inductor, 2.2
µH,
WURTH 744324220LF
na
Active Components
1
D1
Diode, BAT54
SOT23
1
Q5
STS9D8NH3LL
SO8
1
U1
Controller, L6728
DFN10, 3x3 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com