Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6910
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6910_05 Datasheet HTML 8Page - STMicroelectronics L6910_05 Datasheet HTML 9Page - STMicroelectronics L6910_05 Datasheet HTML 10Page - STMicroelectronics L6910_05 Datasheet HTML 11Page - STMicroelectronics L6910_05 Datasheet HTML 12Page - STMicroelectronics L6910_05 Datasheet HTML 13Page - STMicroelectronics L6910_05 Datasheet HTML 14Page - STMicroelectronics L6910_05 Datasheet HTML 15Page - STMicroelectronics L6910_05 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
L6910 - L6910A
12/29
Table 6. Part List
Table 7. Other Inductor Manufacturer
Reference
Description
Manufacturer
R1
N.C
NEOHM
R2
10K
5% 125mW
NEOHM
SMD 0805
R3
4.7K
5% 125mW
NEOHM
SMD 0805
R4
1KOhm 5% 125mW
NEOHM
SMD 0805
R5
2.7K
5% 125mW
NEOHM
SMD 0805
R6
10Ohm 5% 125mW
NEOHM
SMD 0805
R7
510Ohm 5% 125mW
NEOHM
SMD 0805
R8
N.C
R9
0 Ohm
SMD 0805
R10
14K
5% 125mW
NEOHM
SMD 0805
R11
6.98K
5% 125mW
NEOHM
SMD 0805
R12
2.61K
5% 125mW
NEOHM
SMD 0805
R13
1.74K
5 5% 125mW
NEOHM
SMD 0805
C1, C3
100
µF - 20V
OSCON 20SA100M
RADIAL 10X10.5
C9, C10
330
µF - 6.3V
POSCAP 6TPB330M
SMD7343
C12, C13,
C15, C21
100nF
KEMET
SMD0805
C14
1nF
KEMET
SMD0805
C16
100nF
KEMET
C17
4.7
µF - 16V
AUX
SMA6032
C18
1.5nF
KEMET
SMD0805
C19
15nF
KEMET
SMD0805
C20
47nF
KEMET
SMD0805
C22
N.C
L1
Short
L2
3
µH (T50-52B Core, 7T AWG15)
MICROMETALS
Q2,Q3,Q4,Q6
STS11NF30L
ST
SO8
D1
1N4148
SOT23
D2
STPS2L25U
ST
SMB
U1
Device L6910
ST
SO16Narrow
F1
Short
SWITCH
DIP SWITCH 6 POS.
Manufacturer
Series
Inductor Value (
µH)
Saturation Current (A)
WÜRTH ELEKTRONIK
744318
1.8 to 2.7
16 to 20
PANASONIC
ETQP6F1R8FA
1.8
20
SUMIDA
CDEP134-2R7MC-H
2.7
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com