Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910 Datasheet(PDF) 22 Page - STMicroelectronics

Part # L6910
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L6910_05 Datasheet HTML 18Page - STMicroelectronics L6910_05 Datasheet HTML 19Page - STMicroelectronics L6910_05 Datasheet HTML 20Page - STMicroelectronics L6910_05 Datasheet HTML 21Page - STMicroelectronics L6910_05 Datasheet HTML 22Page - STMicroelectronics L6910_05 Datasheet HTML 23Page - STMicroelectronics L6910_05 Datasheet HTML 24Page - STMicroelectronics L6910_05 Datasheet HTML 25Page - STMicroelectronics L6910_05 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
L6910 - L6910A
22/29
10 APPLICATION IDEA 2: POSITIVE BUCK-BOOST REGULATOR 3V TO 13.2V
INPUT / 5V 2.5A OUTPUT
In some applications the input voltage changes in a very wide range while the output must be regulated to a
fixed value. In this case a Buck-Boost topology can be required in order to keep the output voltage in regulation.
The schematic below shows how to implement a Buck-Boost regulating 5V at the output from both 3.3V and 5V
and 12V input buses.
In a Buck-Boost topology the current is delivered to the output during the OFF phase only. So, for a given current
limit, the maximum output current depends strongly on the duty cycle. Assuming a 100% efficiency and neglect-
ing the current ripple across the inductor, the relationship betweent the current limit and the maximum output
current is the following:
Where ILIM is the current limit and D is the duty cycle of the application.
The worst case is with DMAX. Since, in a Buck-Boost application, D is given by the following formula:
The worst case is with VINMIN.
Obviously, since the efficiency is lower than 100% and the ripple is usually not negligible, the maximum output
current is always lower than the value calculated in the above formula
Figure 30. Positive buck-boost regulator 3V to 13.2V input / 5V 2.5A Output Circuit
I
OMAX
I
LIM
1D
–
()
⋅
=
D
V
O
V
IN
V
O
+
-----------------------
=
L1
R1
C1- C2
C3
Q2
Q2
Q1
D2
C6
13
14
10
11
3
1
U1
L6910/A
VIN (3.3V-5V-12V BUSES)
VOUT ( 5V 2.5A )
6
12
5
4
2
15
7
9
VCC
GND
VREF
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
C9
C8
C4
D1
-14
C13-14
C13
GNDOUT
R2
C12
C7
C7
C5
R7
C10
8
GNDIN
GNDIN
VCC (12V BUS)
R5
G1
R6
EAREF
BOOT
Q3
Q4
R3
R4
C11
GNDCC
GNDCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com