Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6910
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6910_05 Datasheet HTML 10Page - STMicroelectronics L6910_05 Datasheet HTML 11Page - STMicroelectronics L6910_05 Datasheet HTML 12Page - STMicroelectronics L6910_05 Datasheet HTML 13Page - STMicroelectronics L6910_05 Datasheet HTML 14Page - STMicroelectronics L6910_05 Datasheet HTML 15Page - STMicroelectronics L6910_05 Datasheet HTML 16Page - STMicroelectronics L6910_05 Datasheet HTML 17Page - STMicroelectronics L6910_05 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
L6910 - L6910A
14/29
Figure 16. Efficiency vs Output Current
6
COMPONENTS SELECTION
6.1 Inductor Selection
To select the right inductor value, the application conditions must be fixed. For example we can consider:
Vin=12V Vout =3.3V Iout=15A
Considering a ripple of approximately 25% to 30% of Iout, the inductor value will be L=3
µH.
An iron powder core (TO50-52B) with 7 windings has been chosen.
6.2 Output Capacitors
2 POSCAP capacitors, model 6TPB330M, have been chosen, with a maximum ERS equal to 40m
Ω each.
Therefore, the resultant ESR is of 20m
Ω. Considering a current ripple of 4A, the output voltage ripple is:
∆Vout = 4 · 0.02 = 80mV
6.3 Input Capacitors
For IOUT = 15A and D = 0.5 (worst case for input current ripple), the RMS current of the input capacitor is equal
to 7.5A.
Two OSCON electrolytic capacitors 6SP680M, with a maximum ESR equal to 13m
Ω, have been chosen to sus-
tain the ripple. Therefore, the resultant ESR is equal to 13m
Ω/2 = 6.5mΩ. The losses, in worst case, are:
P = ESR · I2rms = 366mW
6.4 Over-Current Protection
The current limit can be set to approximately 20A. Substituting the demo board parameters in the relation-
ship reported in the relative section, (IOSCMIN =170
µA; IP = 20A; RDSONMAX = 9mΩ / 2=4.5mΩ) it results
that ROCS = 510
Ω
Output Current (A)
50
55
60
65
70
75
80
85
90
95
100
13
579
11
13
15
17
Vin=Vcc=12V
Fsw.=200KHZ
Vo=1.2V
Vo=1.8V
Vo=3.3V
Vo=5V
Vo=0.9V
Vin=Vcc=12V
Fsw.=200KHZ
Vo=1.2V
Vo=1.8V
Vo=3.3V
Vo=5V
Vo=0.9V
Vo=1.5V
Vo=2.5V
Vo=1.5V
Vo=2.5V
Output Current (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com