Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6910
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6910_05 Datasheet HTML 14Page - STMicroelectronics L6910_05 Datasheet HTML 15Page - STMicroelectronics L6910_05 Datasheet HTML 16Page - STMicroelectronics L6910_05 Datasheet HTML 17Page - STMicroelectronics L6910_05 Datasheet HTML 18Page - STMicroelectronics L6910_05 Datasheet HTML 19Page - STMicroelectronics L6910_05 Datasheet HTML 20Page - STMicroelectronics L6910_05 Datasheet HTML 21Page - STMicroelectronics L6910_05 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
L6910 - L6910A
18/29
8
15A HTSSOP16 DEMO BOARD DESCRIPTION
A specific Demo Board has been realized for the HTSSOP16 package. The features are the same of the 15A
Demo Board previously described but thermal performance are improved. The PGOOD signal is used as a logic
level and it's been pulled up to VIN because there's no other appropriate voltage available on the demo board.
In case of input voltage higher than 7V (PGOOD Pin Maximum Absolute Rating) a 5V reference is re-
quired.
Figure 21. 15A HTSSOP16 Demo Board Schematic
Table 11. Part List
Reference
Description
Manufacturer
R1
N.C
R2
10K
5% 125mW
NEOHM
SMD 0805
R3
4.7K
5% 125mW
NEOHM
SMD 0805
R4
1K Ohm
5% 125mW
NEOHM
SMD 0805
R5
2.7K
5% 125mW
NEOHM
SMD 0805
R6
10 Ohm
5% 125mW
NEOHM
SMD 0805
R7
560 Ohm
5% 125mW
NEOHM
SMD 0805
R8
N.C
R9
0 Ohm
NEOHM
SMD 0805
R10
14K
5% 125mW
NEOHM
SMD 0805
R11
6.98K
5% 125mW
NEOHM
SMD 0805
R12
2.61K
5% 125mW
NEOHM
SMD 0805
R13
1.74K
5% 125mW
NEOHM
SMD 0805
R14
0 Ohm
NEOHM
SMD 0805
R15
0 Ohm
NEOHM
SMD 0805
R16
N.C
C1,C3
100uF 20V
OSCON
20SA100M
RADIAL 10X10.5
C9,C10
330uF - 6.3V
POSCAP
6TPB330M
SMD7343
L2
R7
C1- C3
C14
C4
Q4-6
Q1-3
D2
C17
F1
14
15
11
12
3
1
U1
L6910A
VIN
VOUT
PWRGD
7
13
6
4
2
16
8
10
VCC
GND
VREF
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
C19
R1
C21
C13
D1
-11
GNDIN
GNDOUT
R2
GNDref
+Vref
C12
GNDRef
Ref IN
C16
C15
R6
C18
9
L1
GNDCC
VCC
R5
G2
R8
R3
R4
R9
C22
C20
S1
S2
S3
S4
S5
R10
R11
R12
R13
EAREF
BOOT
Vout
S2 S3 S4 S5
0.9
1.2
1.5
1.8
2.5
3.3
5.0
Open Open
ON
Open Open
Open Open
Open Open
Open Open
Open Open
Open Open
Open Open
ON
ON
ON
Open
Open
ON
ON
ON
ON
Open
Open
R14
R15
R16
C23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com