Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6910 Datasheet(PDF) 24 Page - STMicroelectronics

Part # L6910
Description  ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6910 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L6910_05 Datasheet HTML 20Page - STMicroelectronics L6910_05 Datasheet HTML 21Page - STMicroelectronics L6910_05 Datasheet HTML 22Page - STMicroelectronics L6910_05 Datasheet HTML 23Page - STMicroelectronics L6910_05 Datasheet HTML 24Page - STMicroelectronics L6910_05 Datasheet HTML 25Page - STMicroelectronics L6910_05 Datasheet HTML 26Page - STMicroelectronics L6910_05 Datasheet HTML 27Page - STMicroelectronics L6910_05 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
L6910 - L6910A
24/29
11 APPLICATION IDEA 3: BUCK-BOOST REGULATOR 3V TO 5.5V INPUT/-5V
3A OUTPUT
In applications where a negative output voltage is required, a standard Buck-Boost topology can be implement-
ed. The considerations related to the maximum output current are the same of the "Positive Buck-Boost" (Ap-
plication Idea 2).
A particularity of this topology is that the device undergoes a voltage that is the sum of VIN and VOUT. So, con-
verting 5V to -5V, the device undergoes 10V voltage. It must be checked that the sum of the input and output
voltage is lower than the maximum operating input voltage of the device.
Figure 32. buck-boost regulator 3V to 5.5V input / -5V 3A Output Circuit
Table 14. Part List
Reference
Description
Manufacturer
R1
910 Ohm 5% 125mW
NEOHM
SMD 0805
R2
10K 5% 125mW
NEOHM
SMD 0805
R3
4.7K 5% 125mW
NEOHM
SMD 0805
R4
1K Ohm 5% 125mW
NEOHM
SMD 0805
R5
2.7K 5% 125mW
NEOHM
SMD 0805
R6
1K 5% 125mW
NEOHM
SMD 0805
R7
10 Ohm 5% 125mW
NEOHM
SMD 0805
C1,C2
100
µF - 20V
OSCON 20SA100M
RADIAL 10X10.5
C13,C14
330
µF - 6.3V
POSCAP 6TPB330M
SMD7343
C12,C4,C5,C8
100nF
KEMET
SMD0805
C3
1nF
KEMET
SMD0805
C6
4.7
µF - 16V
AUX
SMA6032
C7
100nF
KEMET
L1
R1
C1- C2
C3
C13
-
14
Q2
Q1
D2
C6
13
14
10
11
3
1
U1
L6910/A
VIN (3V to 5.5V )
VOUT (-5V 3A)
6
12
5
4
2
15
7
9
VCC
GND
VREF
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
C9
C8
C4
D1
GNDOUT
C7
C5
R7
C10
C12
8
GNDIN=GNDOUT
R5
R3
R4
C11
R6
EAREF
BOOT
G1
VCC (5V)
GNDCC
L1
R1
C1- C2
C3
C13
-
14
Q2
Q1
D2
C6
13
14
10
11
3
1
U1
L6910/A
VIN (3V to 5.5V )
VOUT (-5V 3A)
6
12
5
4
2
15
7
9
VCC
GND
VREF
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
C9
C8
C4
D1
GNDOUT
C7
C5
R7
C10
C12
8
GNDIN=GNDOUT
R5
R3
R4
C11
R6
EAREF
BOOT
G1
VCC (5V)
GNDCC
L1
R1
C1- C2
C1- C2
C3
C13
-
14
Q2
Q1
D2
C6
13
14
10
11
3
1
U1
L6910/A
VIN (3V to 5.5V )
VOUT (-5V 3A)
6
12
5
4
2
15
7
9
VCC
GND
VREF
SS
OSC
OCSET
UGATE
PHASE
LGATE
PGND
PGOOD
C9
C8
C8
C4
D1
GNDOUT
GNDOUT
C7
C7
C5
R7
C10
C12
C12
8
GNDIN=GNDOUT
R5
R3
R4
C11
R6
EAREF
BOOT
G1
VCC (5V)
GNDCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com