Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924U Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6924U
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6924U Datasheet HTML 8Page - STMicroelectronics L6924U Datasheet HTML 9Page - STMicroelectronics L6924U Datasheet HTML 10Page - STMicroelectronics L6924U Datasheet HTML 11Page - STMicroelectronics L6924U Datasheet HTML 12Page - STMicroelectronics L6924U Datasheet HTML 13Page - STMicroelectronics L6924U Datasheet HTML 14Page - STMicroelectronics L6924U Datasheet HTML 15Page - STMicroelectronics L6924U Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
Operation description
L6924U
12/38
Figure 5.
Li-Ion charging profile
6.1
Linear mode
When operating in linear mode, the device works in a way similar to a linear regulator with a
constant current limit protection.
It charges the battery in three phases:
●
Pre-charging current ("pre-charge" phase).
●
Constant current ("fast-charge" phase).
●
Constant voltage ("voltage regulation" phase).
VADP is the output voltage of the upstream AC-DC adapter that is, in turn, the input voltage
of the L6924U. If the battery voltage is lower than the default pre-charge voltage (VPRETH),
the pre-charge phase takes place. The battery is pre-charged with a low current , internally
set to 10 % of the fast charge current.
When the battery voltage goes higher than VPRETH, the battery is charged with the fast
charge current (IUSB or IAC according to the selection of the MODE pin).
Finally, when the battery voltage is close to the regulated output voltage (4.2 V), the voltage
regulation phase takes place and the charging current is reduced. The charging process
ends when the charging current reaches the programmed value (IENDTH) or when the
charging timer expires.
Figure 6 shows the different phases.
0.000
0.050
0.100
0.150
0.200
0.250
0.300
0.350
0.400
0.450
0.500
0
200
400
600
800
1000
1200
Charging time (sec)
0.000
0.500
1.000
1.500
2.000
2.500
3.000
3.500
4.000
4.500
Ichg
Vbatt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com