Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924U Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6924U
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6924U Datasheet HTML 23Page - STMicroelectronics L6924U Datasheet HTML 24Page - STMicroelectronics L6924U Datasheet HTML 25Page - STMicroelectronics L6924U Datasheet HTML 26Page - STMicroelectronics L6924U Datasheet HTML 27Page - STMicroelectronics L6924U Datasheet HTML 28Page - STMicroelectronics L6924U Datasheet HTML 29Page - STMicroelectronics L6924U Datasheet HTML 30Page - STMicroelectronics L6924U Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
L6924U
Application information: monitoring and protection
27/38
Considering typical values for NTC0°C and NTC50°C, the hysteresis is:
Equation 22
And:
Equation 23
If a PTC connected to GND is used, the selection is the same as above, the only difference
is when the battery temperature increases, the voltage on the TH pin increases, and vice
versa. For applications that do not need a monitor of the battery temperature, the NTC can
be replaced with a simple resistor whose value is one half of the pull-up resistor RUP.
In this case, the voltage at the TH pin is always inside the voltage window, and the charge is
always enabled.
8.2
Battery absence detection
This feature provides a battery absent detection scheme to detect the removal or the
insertion of the battery. If the battery is removed, the charge current falls below the IENDTH.
At the end of de-glitch time, a detection current IDETECT, equal to 1 mA, is sunk from the
output for a time of TDETECT. The device checks the voltage at the output. If it is below the
VPRETH, a current equal to IDETECT is injected in the output capacitor for a TDETECT, and it is
checked to see if the voltage on the output goes higher than VRCH (4.05 V). If the battery
voltage changes from VPRETH to VRCH and vice versa in a TDETECT time, it means that no
battery is connected to the charger. The TDETECT is expressed by:
Equation 24
C
mV
mV
mV
T
C
HYS
o
5
.
2
051
.
0
900
780
900
0
≅
×
−
=
°
C
mV
mV
mV
T
C
HYS
o
5
.
2
039
.
0
225
248
225
50
−
≅
×
−
=
°
3
10
54
×
= MAXCH
DETECT
T
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com