Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924U Datasheet(PDF) 16 Page - STMicroelectronics

Part # L6924U
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L6924U Datasheet HTML 12Page - STMicroelectronics L6924U Datasheet HTML 13Page - STMicroelectronics L6924U Datasheet HTML 14Page - STMicroelectronics L6924U Datasheet HTML 15Page - STMicroelectronics L6924U Datasheet HTML 16Page - STMicroelectronics L6924U Datasheet HTML 17Page - STMicroelectronics L6924U Datasheet HTML 18Page - STMicroelectronics L6924U Datasheet HTML 19Page - STMicroelectronics L6924U Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
Operation description
L6924U
16/38
Neglecting the voltage drop across the charger (
∆V
MOS) when the device operates in this
condition, its input voltage is equal to the battery one, and so a very low operating input
voltage (down to 2.5 V) is required. The power dissipated by the device during this phase is:
Equation 4
When the battery voltage approaches the final value, the charger gets back the control of
the current, reducing it. Due to this, the upstream adapter exits the current limit condition
and its output goes up to the regulated voltage VADP. This is the worst case in power
dissipation:
Equation 5
In conclusion, the advantage of the linear charging approach is that the designer has the
direct control of the charge current, and consequently the application can be very simple.
The drawback is the high power dissipation.
The advantage of the quasi-pulse charging method is that the power dissipated is
dramatically reduced. The drawback is that a dedicated upstream adapter is required.
2
)
(
LIM
on
DS
CH
I
R
P
×
=
LIM
BAT
ADP
DIS
I
V
V
P
×
−
=
)
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com