Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924U Datasheet(PDF) 14 Page - STMicroelectronics

Part # L6924U
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L6924U Datasheet HTML 10Page - STMicroelectronics L6924U Datasheet HTML 11Page - STMicroelectronics L6924U Datasheet HTML 12Page - STMicroelectronics L6924U Datasheet HTML 13Page - STMicroelectronics L6924U Datasheet HTML 14Page - STMicroelectronics L6924U Datasheet HTML 15Page - STMicroelectronics L6924U Datasheet HTML 16Page - STMicroelectronics L6924U Datasheet HTML 17Page - STMicroelectronics L6924U Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Operation description
L6924U
14/38
6.2
Quasi-pulse mode
The quasi-pulse mode can be used when the system can rely on the current limit of the
upstream adapter to charge the battery. In this case, the fast charge current must be set
higher than the current limit of the adapter. In this mode, the L6924U charges the battery
with the same three phases as in Linear Mode, but the power dissipation is greatly reduced
as shown in Figure 7.
Figure 7.
Typical charge curves in quasi pulse mode
The big difference is due to the fact that the charge current is higher than the current limit of
the adapter. During the fast-charge phase, the output voltage of the adapter drops and goes
down to the battery voltage plus the voltage drop across the power MOSFET of the charger,
as shown in the following equation:
Equation 2
Adapter Voltage
Charge Current
Pow er dissipation
Battery Voltage
End
Charge
Voltage Regulation
Phase
Pre-Charge
Phase
Fast-Charge
Phase
I
LIM
Ilim x Rdson
I
PRETH
I
CHG
V
PRETH
V
OPRGTH
V
AD P
MOS
BAT
ADP
IN
V
V
V
V
∆
+
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com