Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6924U Datasheet(PDF) 29 Page - STMicroelectronics

Part # L6924U
Description  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L6924U Datasheet HTML 25Page - STMicroelectronics L6924U Datasheet HTML 26Page - STMicroelectronics L6924U Datasheet HTML 27Page - STMicroelectronics L6924U Datasheet HTML 28Page - STMicroelectronics L6924U Datasheet HTML 29Page - STMicroelectronics L6924U Datasheet HTML 30Page - STMicroelectronics L6924U Datasheet HTML 31Page - STMicroelectronics L6924U Datasheet HTML 32Page - STMicroelectronics L6924U Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
L6924U
Application information: monitoring and protection
29/38
8.3
Status pins
To indicate various charger status conditions, there are two open-collector output pins, ST1
and ST2. These status pins can be used either to drive status LEDs, connected with an
external power source, by a resistor, or to communicate to a host processor.
8.4
Shutdown
The L6924U has a shutdown pin; when the pin is connected to GND, the device is operating.
When the pin is left floating, the device enters the shutdown mode, the consumption from
the input is dramatically reduced to 60
µA (typ.). In this condition, V
REF is turned OFF.
Figure 21.
ST1 and ST2 connection with LEDs or microcontroller
Table 6.
Status LEDs Indications
Charge condition
Description
ST1
ST2
Charge in progress
When the device is in pre-charge or fast-
charge status
ON
OFF
Charge done
When the charging current goes below the
IENDTH
OFF
ON
Stand by mode
When the input voltage goes under
VBAT + 50 mV
OFF
OFF
Bad battery temperature
When the voltage on the TH pin is out of
the programmable window, in accordance
with the NTC or PTC thermistor
ON
ON
Battery absent
When the battery pack is removed
ON
ON
Over time
When TMAXCH or TMAXPRECH expires
ON
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com