Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962 Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS4962
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS4962 Datasheet HTML 8Page - STMicroelectronics TS4962 Datasheet HTML 9Page - STMicroelectronics TS4962 Datasheet HTML 10Page - STMicroelectronics TS4962 Datasheet HTML 11Page - STMicroelectronics TS4962 Datasheet HTML 12Page - STMicroelectronics TS4962 Datasheet HTML 13Page - STMicroelectronics TS4962 Datasheet HTML 14Page - STMicroelectronics TS4962 Datasheet HTML 15Page - STMicroelectronics TS4962 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
Electrical characteristics
TS4962
12/46
VN
Output voltage noise f = 20Hz to 20kHz, G = 6dB
μVRMS
Unweighted RL = 4Ω
A-weighted RL = 4Ω
85
60
Unweighted RL = 8Ω
A-weighted RL = 8Ω
86
62
Unweighted RL = 4Ω + 15µH
A-weighted RL = 4Ω + 15µH
83
60
Unweighted RL = 4Ω + 30µH
A-weighted RL = 4Ω + 30µH
88
64
Unweighted RL = 8Ω + 30µH
A-weighted RL = 8Ω + 30µH
78
57
Unweighted RL = 4Ω + Filter
A-weighted RL = 4Ω + Filter
Unweighted RL = 4Ω + Filter
A-weighted RL = 4Ω + Filter
87
65
82
59
1.
All electrical values are guaranteed with correlation measurements at 2.5V and 5V.
2.
Standby mode is active when VSTBY is tied to GND.
3.
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the superimposed sinusoidal signal to
VCC @ f = 217Hz.
Table 6.
Electrical characteristics at VCC = +4.2V with GND = 0V, Vicm = 2.1V, and
Tamb = 25°C (unless otherwise specified)
(1) (continued)
Symbol
Parameter
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com