Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS4962
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS4962 Datasheet HTML 19Page - STMicroelectronics TS4962 Datasheet HTML 20Page - STMicroelectronics TS4962 Datasheet HTML 21Page - STMicroelectronics TS4962 Datasheet HTML 22Page - STMicroelectronics TS4962 Datasheet HTML 23Page - STMicroelectronics TS4962 Datasheet HTML 24Page - STMicroelectronics TS4962 Datasheet HTML 25Page - STMicroelectronics TS4962 Datasheet HTML 26Page - STMicroelectronics TS4962 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
TS4962
Electrical characteristics
23/46
Figure 10.
Efficiency vs. output power
Figure 11.
Efficiency vs. output power
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
20
40
60
80
100
0
50
100
150
Vcc=5V
RL=8
Ω + ≥ 15μH
F=1kHz
THD+N
≤1%
Power
Dissipation
Efficiency
Output Power (W)
0.0
0.1
0.2
0.3
0.4
0.5
0
20
40
60
80
100
0
25
50
75
Vcc=3V
RL=8
Ω + 15μH
F=1kHz
THD+N
1%
Power
Dissipation
Efficiency
Output Power (W)
Figure 12.
Output power vs. power supply
voltage
Figure 13.
Output power vs. power supply
voltage
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
THD+N=10%
RL = 4
Ω + ≥ 15μH
F = 1kHz
BW < 30kHz
Tamb = 25
°C
THD+N=1%
Vcc (V)
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0.0
0.5
1.0
1.5
2.0
THD+N=10%
RL = 8
Ω + ≥ 15μH
F = 1kHz
BW < 30kHz
Tamb = 25
°C
THD+N=1%
Vcc (V)
Figure 14.
PSRR vs. frequency
Figure 15.
PSRR vs. frequency
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=5V, 3.6V, 2.5V
20k
20
Vripple = 200mVpp
Inputs = Grounded
G = 6dB, Cin = 4.7
μF
RL = 4
Ω + 15μH
ΔR/R≤0.1%
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
Vcc=5V, 3.6V, 2.5V
20k
20
Vripple = 200mVpp
Inputs = Grounded
G = 6dB, Cin = 4.7
μF
RL = 4
Ω + 30μH
ΔR/R≤0.1%
Tamb = 25
°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com