Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962 Datasheet(PDF) 35 Page - STMicroelectronics

Part # TS4962
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TS4962 Datasheet HTML 31Page - STMicroelectronics TS4962 Datasheet HTML 32Page - STMicroelectronics TS4962 Datasheet HTML 33Page - STMicroelectronics TS4962 Datasheet HTML 34Page - STMicroelectronics TS4962 Datasheet HTML 35Page - STMicroelectronics TS4962 Datasheet HTML 36Page - STMicroelectronics TS4962 Datasheet HTML 37Page - STMicroelectronics TS4962 Datasheet HTML 38Page - STMicroelectronics TS4962 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
TS4962
Application information
35/46
4.9
Single-ended input configuration
It's possible to use the TS4962 in a single-ended input configuration. However, input
coupling capacitors are needed in this configuration. The schematics in Figure 61 show a
single-ended input typical application.
Figure 61.
Single-ended input typical application
All formulas are identical except for the gain with Rin in kΩ:
And, due to the internal resistor tolerance we have:
In the event that multiple single-ended inputs are summed, it is important that the
impedance on both TS4962 inputs (In- and In+) are equal.
Figure 62.
Typical application schematic with multiple single-ended inputs
Rin
Rin
Cs
1u
GND
GND
Vcc
SPEAKER
Cin
Cin
Ve
GND
GND
Standby
In-
Stdby
In+
Out-
Out+
Vcc
1
4
3
7
8
6
5
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-
A
V
gle
sin
V
e
Out
+
Out
-
–
-------------------------------
300
R
in
----------
==
273
R
in
----------
A
V
gle
sin
327
R
in
----------
≤≤
Rin1
Req
Cs
1u
GND
GND
Vcc
SPEAKER
Cin1
Ceq
Ve1
GND
GND
Standby
Rink
Cink
Vek
GND
In-
Stdby
In+
Out-
Out+
Vcc
1
4
3
7
8
6
5
GND
Internal
Bias
PWM
Output
Bridge
H
Oscillator
150k
150k
+
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com