Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS4962
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 2 Page - STMicroelectronics

  TS4962 Datasheet HTML 1Page - STMicroelectronics TS4962 Datasheet HTML 2Page - STMicroelectronics TS4962 Datasheet HTML 3Page - STMicroelectronics TS4962 Datasheet HTML 4Page - STMicroelectronics TS4962 Datasheet HTML 5Page - STMicroelectronics TS4962 Datasheet HTML 6Page - STMicroelectronics TS4962 Datasheet HTML 7Page - STMicroelectronics TS4962 Datasheet HTML 8Page - STMicroelectronics TS4962 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Contents
TS4962
2/46
Contents
1
Absolute maximum ratings and operating conditions . . . . . . . . . . . . . 6
2
Application component information . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3.1
Electrical characteristics tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3.2
Electrical characteristics curves . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
4
Application information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
4.1
Differential configuration principle . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
4.2
Gain in typical application schematic . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
4.3
Common mode feedback loop limitations . . . . . . . . . . . . . . . . . . . . . . . . . 33
4.4
Low frequency response . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
4.5
Decoupling of the circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
4.6
Wake-up time (tWU) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
4.7
Shutdown time (tSTBY) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
4.8
Consumption in standby mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
4.9
Single-ended input configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
4.10
Output filter considerations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
4.11
Several examples with summed inputs . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Example 1: Dual differential inputs. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Example 2: One differential input plus one single ended input . . . . . . . . . . . . . . . 38
5
Demo board . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
6
Recommended footprint . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
7
DFN8 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
8
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
9
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com