Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TS4962
Description  2.8W filter-free mono class D audio power amplifier
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 5 Page - STMicroelectronics

  TS4962 Datasheet HTML 1Page - STMicroelectronics TS4962 Datasheet HTML 2Page - STMicroelectronics TS4962 Datasheet HTML 3Page - STMicroelectronics TS4962 Datasheet HTML 4Page - STMicroelectronics TS4962 Datasheet HTML 5Page - STMicroelectronics TS4962 Datasheet HTML 6Page - STMicroelectronics TS4962 Datasheet HTML 7Page - STMicroelectronics TS4962 Datasheet HTML 8Page - STMicroelectronics TS4962 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
TS4962
List of figures
3/46
Figure 50.
Gain vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 51.
Gain vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
Figure 52.
Gain vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 53.
Gain vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 54.
Gain vs. frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Figure 55.
Startup & shutdown time VCC = 5V, G = 6dB, Cin= 1µF (5ms/div) . . . . . . . . . . . . . . . . . . . 30
Figure 56.
Startup & shutdown time VCC = 3V, G = 6dB, Cin= 1µF (5ms/div) . . . . . . . . . . . . . . . . . . . 30
Figure 57.
Startup & shutdown time VCC = 5V, G = 6dB, Cin= 100nF (5ms/div) . . . . . . . . . . . . . . . . . 30
Figure 58.
Startup & shutdown time VCC = 3V, G = 6dB, Cin= 100nF (5ms/div) . . . . . . . . . . . . . . . . . 31
Figure 59.
Startup & shutdown time VCC = 5V, G = 6dB, No Cin (5ms/div) . . . . . . . . . . . . . . . . . . . . . 31
Figure 60.
Startup & shutdown time VCC = 3V, G = 6dB, No Cin (5ms/div) . . . . . . . . . . . . . . . . . . . . . 31
Figure 61.
Single-ended input typical application . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 62.
Typical application schematic with multiple single-ended inputs . . . . . . . . . . . . . . . . . . . . 35
Figure 63.
Method for shorting pertubations to ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 64.
Typical application schematic with dual differential inputs . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 65.
Typical application schematic with one differential input plus one single-ended input . . . . 38
Figure 66.
Schematic diagram of mono class D demoboard for the TS4962 DFN package . . . . . . . . 39
Figure 67.
Top view . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 68.
Bottom layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 69.
Top layer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 70.
Recommended footprint for TS4962 DFN package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 71.
DFN8 3x3 exposed pad package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com