Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM802
Description  5V Supervisor with Battery Switchover
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM802 Datasheet HTML 6Page - STMicroelectronics STM802 Datasheet HTML 7Page - STMicroelectronics STM802 Datasheet HTML 8Page - STMicroelectronics STM802 Datasheet HTML 9Page - STMicroelectronics STM802 Datasheet HTML 10Page - STMicroelectronics STM802 Datasheet HTML 11Page - STMicroelectronics STM802 Datasheet HTML 12Page - STMicroelectronics STM802 Datasheet HTML 13Page - STMicroelectronics STM802 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
STM690A/692A/703/704/802/805/817/818/819
10/37
Back-up Battery Switchover
In the event of a power failure, it may be necessary
to preserve the contents of external SRAM
through VOUT. With a backup battery installed with
voltage VBAT, the devices automatically switch the
SRAM to the back-up supply when VCC falls.
Note: If back-up battery is not used, connect both
VBAT and VOUT to VCC.
This family of Supervisors does not always con-
nect VBAT to VOUT when VBAT is greater than VCC.
VBAT connects to VOUT (through a 100Ω switch)
when VCC is below VRST and VBAT. This is done to
allow the back-up battery (e.g., a 3.6V lithium cell)
to have a higher voltage than VCC.
Assuming VBAT > 2.0V, switchover at VSO ensures
that battery back-up mode is entered before VOUT
gets too close to the 2.0V minimum required to re-
liably retain data in most external SRAMs. When
VCC recovers, hysteresis is used to avoid oscilla-
tion around the VSO point. VOUT is connected to
VCC through a 3Ω PMOS power switch.
Note: The back-up battery may be removed while
VCC is valid, assuming VBAT is adequately decou-
pled (0.1µF typ), without danger of triggering a re-
set.
Table 4. I/O Status in Battery Back-up
Chip-Enable Gating (STM818 only)
Internal gating of the chip enable (E) signal pre-
vents erroneous data from corrupting the external
CMOS RAM in the event of an undervoltage con-
dition. The STM818 uses a series transmission
gate from E to ECON (see Figure 12., page 11).
During normal operation (reset not asserted), the
E transmission gate is enabled and passes all E
transitions. When reset is asserted, this path be-
comes disabled, preventing erroneous data from
corrupting the CMOS RAM. The short E propaga-
tion delay from E to ECON enables the STM818 to
be used with most µPs. If E is low when reset as-
serts, ECON remains low for typically 15µs to per-
mit the current WRITE cycle to complete. Connect
E to VSS if unused.
Chip Enable Input (STM818 only)
The chip-enable transmission gate is disabled and
E is high impedance (disabled mode) while reset
is asserted. During a power-down sequence when
VCC passes the reset threshold, the chip-enable
transmission gate disables and E immediately be-
comes high impedance if the voltage at E is high.
If E is low when reset asserts, the chip-enable
transmission gate will disable 15µs after reset as-
serts (see Figure 13., page 11). This permits the
current WRITE cycle to complete during power-
down.
Any time a reset is generated, the chip-enable
transmission gate remains disabled and E remains
high impedance (regardless of E activity) for the
reset time-out period. When the chip enable trans-
mission gate is enabled, the impedance of E ap-
pears as a 40
Ω resistor in series with the load at
ECON. The propagation delay through the chip-en-
able transmission gate depends on VCC, the
source impedance of the drive connected to E,
and the loading on ECON. The chip enable propa-
gation delay is production tested from the 50%
point on E to the 50% point on ECON using a 50Ω
driver and a 50pF load capacitance (see Figure
40., page 28). For minimum propagation delay,
minimize the capacitive load at ECON and use a
low-output impedance driver.
Chip Enable Output (STM818 only)
When the chip-enable transmission gate is en-
abled, the impedance of ECON is equivalent to a
40
Ω resistor in series with the source driving E. In
the disabled mode, the transmission gate is off
and an active pull-up connects ECON to VOUT (see
Figure 12., page 11). This pull-up turns off when
the transmission gate is enabled.
Pin
Status
VOUT
Connected to VBAT through internal switch
VCC
Disconnected from VOUT
PFI
Disabled
PFO
Logic low
E
High impedance
ECON
Logic high
WDI
Watchdog timer is disabled
WDO
Logic low
MR
Disabled
RST
Logic low
RST
Logic high
VBAT
Connected to VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com