Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM802 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM802
Description  5V Supervisor with Battery Switchover
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM802 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM802 Datasheet HTML 10Page - STMicroelectronics STM802 Datasheet HTML 11Page - STMicroelectronics STM802 Datasheet HTML 12Page - STMicroelectronics STM802 Datasheet HTML 13Page - STMicroelectronics STM802 Datasheet HTML 14Page - STMicroelectronics STM802 Datasheet HTML 15Page - STMicroelectronics STM802 Datasheet HTML 16Page - STMicroelectronics STM802 Datasheet HTML 17Page - STMicroelectronics STM802 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 37 page
background image
STM690A/692A/703/704/802/805/817/818/819
14/37
Using a SuperCap™ as a Backup Power
Source
SuperCaps™ are capacitors with extremely high
capacitance values (e.g., order of 0.47F) for their
size. Figure 16 shows how to use a SuperCap as
a back-up power source. The SuperCap may be
connected through a diode to the 5V input. Since
VBAT can exceed VCC while VCC is above the reset
threshold, there are no special precautions when
using these supervisors with a SuperCap.
Negative-Going VCC Transients
The
STM690A/692A/703/704/802/805/817/818/
819 Supervisor are relatively immune to negative-
going
VCC
transients
(glitches).
Figure
38., page 25 shows typical transient duration ver-
sus reset comparator overdrive (for which the
STM690A/692A/703/704/802/805/817/818/819
will NOT generate a reset pulse). The graph was
generated using a negative pulse applied to VCC,
starting at VRST + 0.3V and ending below the reset
threshold by the magnitude indicated (comparator
overdrive). The graph indicates the maximum
pulse width a negative VCC transient can have
without causing a reset pulse. As the magnitude of
the transient increases (further below the thresh-
old), the maximum allowable pulse width decreas-
es. Any combination of duration and overdrive
which lies under the curve will NOT generate a re-
set signal. Typically, a VCC transient that goes
100mV below the reset threshold and lasts 40µs or
less will not cause a reset pulse. A 0.1µF bypass
capacitor mounted as close as possible to the VCC
pin provides additional transient immunity.
Battery Freshness Seal (STM817/818/819)
The battery freshness seal disconnects the back-
up battery from internal circuitry and VOUT until it is
needed. This allows an OEM to ensure that the
back-up battery connected to VBAT will be fresh
when the final product is put to use. To enable the
freshness seal:
1.
Connect a battery to VBAT;
2.
Ground PFO;
3.
Bring VCC above the reset threshold and hold
it there until reset is deasserted following the
reset timeout period; and
4.
Bring VCC down again (Figure 17).
Use the same procedure for the STM818, but
ground ECON instead of PFO. Once the battery
freshness seal is enabled (disconnecting the
back-up battery from internal circuitry and any-
thing connected to VOUT), it remains enabled until
VCC is brought above VRST.
Figure 16. Using a SuperCap™
Figure 17. Freshness Seal Enable Waveform
AI08805
STMXXX
VBAT
VCC
VOUT
5V
GND
RST
To external SRAM
To µP
AI08806
RST
PFO
(STM817/819)
VCC
VRST
ECON
(STM818)
trec
(Externally held at 0V)
(Externally held at 0V)
ECON out state latched
at 1/2 trec, Freshness
Seal enabled
PFO out state latched
at 1/2 trec, Freshness
Seal Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com